Electronic Components Datasheet Search
  English  ▼

X  

FTK7328 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK7328
Description  Dual P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7328 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK7328 Datasheet HTML 1Page - First Silicon Co., Ltd FTK7328 Datasheet HTML 2Page - First Silicon Co., Ltd FTK7328 Datasheet HTML 3Page - First Silicon Co., Ltd FTK7328 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2013. 07. 5
3/4
Revision No : 0
FTK7328
Typical Characteristics
-0
-2
-4
-6
-8
-10
0
5
10
15
20
25
30
35
40
-0
-5
-10
-15
-20
1E-3
0.01
0.1
1
10
-2
-4
-6
-8
10
15
20
25
30
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-0
-1
-2
-3
-4
0
0
0
1
-
0
0
8
-
0
0
6
-
0
0
4
-
-1E-4
-1E-3
-0.01
-0.1
-1
-10
25
50
75
100
125
-1.0
-1.2
-1.4
-1.6
-10V
-4.0V
-3.5V
-3 0V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=-2.5V
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=-8A
T
a=25
℃
Pulsed
V
GS
——
R
DS(ON)
T
a=25
℃
Pulsed
V
GS=-10V
V
GS=-4 5V
DRA N CURRENT I
D
(A)
I
D
——
R
DS(ON)
-0.5
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=-24V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
SOURCE TO DRAIN VOLTAGE V
SD
(mV)
T
a=25
℃
Pulsed
V
SD
I
S ——
Output Characteristics
JUNCTION TEMPERATURE T
J
( )
℃
I
D=-250uA
Threshold Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com