Electronic Components Datasheet Search
  English  ▼

X  

FTK9451 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK9451
Description  P-Channel 20-V(D-S) MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK9451 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK9451 Datasheet HTML 1Page - First Silicon Co., Ltd FTK9451 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014.01.27
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTK9451
Revision No : 1
P-Channel 20-V(D-S) MOSFET
The Advanced Power MOSFETs provide the desigher with the
best combination of fast switching, ruggedized device desigh,
ultra low on- resistance and cost-effectiveness.
1. GATE
2. DRAIN
3. SOURCE
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Units
Drain-Source Voltage
VDS
-20
Continuous Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
A
3
.
2
-
Power Dissipation
PD
5
.
0
W
Thermal Resistance from Junction to Ambient
RθJA
250
℃/W
Operating Temperature
Tj
0
5
1
Storage Temperature
Tstg
-55 ~+150
℃
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =10µA
-20
V
Gate-body leakage
IGSS
VDS =0V, VGS =±12V
±100
nA
Zero gate voltage drain current
IDSS
VDS =-20V, VGS =0V
-1.0
µA
On characteristics
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =-0.25mA
-0.50
-1.50
V
VGS =-4.5V, ID =-2.3A
0.135
Static drain-source on-resistance (note 1)
RDS(on)
VGS =-2.5V, ID =-1.0A
0.240
Ω
Forward transconductance (note 1)
gfs
VDS =-5V, ID =-2.3A
2.3
S
Dynamic characteristics (note 2)
Input capacitance
Ciss
430
Output capacitance
Coss
100
Reverse transfer capacitance
Crss
VDS =-20V,VGS =0V, f=1MHz
35
pF
Switching characteristics
Turn-on delay time (note 1,2)
td(on)
9
Rise time (note 2)
tr
25
Turn-off delay time (note 2)
td(off)
20
Fall time (note 2)
tf
VGS=-5V, VDS=-10V,
ID =-1A,RG=3.3
Ω, RD=10Ω
10
ns
Drain-source body diode characteristics
Body diode forward voltage (note 1)
VSD
IS=-1A, VGS = 0V
-1.6
V
No tes:
1.
Pulse Test ; Pulse Width
≤300µs, Duty Cycle ≤2%.
2.
These parameters have no way to verify.
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45 0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5 0.15/-0.10
SOT-89
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
_
_
*2.0
* When implemented on a ceramic PCB
*62.5


Similar Part No. - FTK9451

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK9452 FS-FTK9452 Datasheet
337Kb / 2P
N-Channel 20-V(D-S) MOSFET
More results

Similar Description - FTK9451

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com