Electronic Components Datasheet Search
  English  ▼

X  

FTK9451 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK9451
Description  P-Channel 20-V(D-S) MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK9451 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK9451 Datasheet HTML 1Page - First Silicon Co., Ltd FTK9451 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013. 01. 27
2/2
FTK9451
Revision No : 1
Typical Characteristics
-0.2
-0.4
-0.6
-0.8
-1.0
-1E-3
-0.01
-0.1
-1
-0
-1
-2
-3
-4
-5
-0
-5
-10
-15
-20
-0
-1
-2
-3
-4
-0
-5
-10
-15
-20
-0
-2
-4
-6
-8
-10
0
40
80
120
160
200
240
-0
-2
-4
-6
-8
-10
0
40
80
120
160
200
240
V
SD
I
S
——
Ta=25℃
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
Ta=25℃
Pulsed
V
GS=-4 5V
-4V
-3.5V
-3V
-2 5V
-2V
V
GS=-1 5V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
DS=-5V
Ta=25℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS=-2.5V
V
GS=-4 5V
Ta=25℃
Pulsed
I
D
——
R
DS(ON)
DRA N CURRENT I
D
(A)
I
D=-2.3A
Ta=25℃
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE V
GS
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com