Electronic Components Datasheet Search
  English  ▼

X  

FTK9926 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK9926
Description  Advanced trench process technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK9926 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK9926 Datasheet HTML 1Page - First Silicon Co., Ltd FTK9926 Datasheet HTML 2Page - First Silicon Co., Ltd FTK9926 Datasheet HTML 3Page - First Silicon Co., Ltd FTK9926 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FTK9926
2014. 01. 02
2/4
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
(BR)DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
VDS =20V,VGS = 0V
1
µA
Gate-body leakage current
GSS
VGS =±12V, VDS= 0V
±
100
nA
Gate threshold voltage (note 1)
GS(th)
VDS =VGS, ID =250µA
0.6
1.2
V
VGS =2.5V, ID=5A
40
mΩ
Drain-source on-resistance (note 1)
DS(on)
VGS =4.5V, ID=6A
30
mΩ
Forward transconductance (note 1)
FS
VDS =15V, ID =6A
15
S
SWITCHING CHARACTERISTICS (note 2)
t
e
m
i
t
y
a
l
e
d
n
o
-
n
r
u
T
d(on)
35
ns
t
e
m
i
t
e
s
i
r
n
o
-
n
r
u
T
r
60
ns
t
e
m
i
t
y
a
l
e
d
f
f
o
-
n
r
u
T
d(off)
75
ns
t
e
m
i
t
ll
a
f
f
f
o
-
n
r
u
T
f
VGEN=4.5V,VDD=15V,
RGEN=6Ω, ID =1A, RL=15Ω
30
ns
Q
e
g
r
a
h
c
e
t
a
g
l
a
t
o
T
g
20
nC
Q
e
g
r
a
h
C
e
c
r
u
o
s
-
e
t
a
G
gs
3
nC
Q
e
g
r
a
h
C
n
i
a
r
d
-
e
t
a
G
gd
VDS =15V,VGS =4.5V,ID =6A
3.3
nC
SOURCE-DRAIN DIODE CHARACTERISTICS
Maximum diode forward current
S
1
A
Diode forward voltage (note 1)
SD
IS=1.7A,VGS=0V
1.2
V
Source-Drain Reverse Recovery Time
rr
IF = 1.7 A, di/dt = 100A/μs
80
ns
Notes :
1. Pulse Test : Pulse Width≤300µs, Duty Cycle≤2%.
2. Guaranteed by design, not subject to production
IDSS
V
I
V
V
g
I
I
t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com