Electronic Components Datasheet Search
  English  ▼

X  

FTK9926 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK9926
Description  Advanced trench process technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK9926 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK9926 Datasheet HTML 1Page - First Silicon Co., Ltd FTK9926 Datasheet HTML 2Page - First Silicon Co., Ltd FTK9926 Datasheet HTML 3Page - First Silicon Co., Ltd FTK9926 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FTK9926
2014. 01. 02
3/4
Revision No : 0
Typical Characteristics
0
2
4
6
8
10
0
20
40
60
80
100
3
2
1
0
0
2
4
6
8
10
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
0
2
4
6
8
10
0
5
10
15
20
25
30
0
6
12
18
24
30
0
20
40
60
80
I
D
=6A
I
D
R
DS(ON)
——
Ta=25
oC
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE
V
GS
(V)
Ta=25
oC
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
20
Ta=25
oC
0.3
3
V
SD
I
S ——
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
3.0V
2.5V
V
GS
=5.0V
4.5V
4.0V
3.5V
V
GS
=1.5V
2.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=2.5V
V
GS
=4.5V
Ta=25
oC
DRAIN CURRENT
I
D
(A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com