Electronic Components Datasheet Search
  English  ▼

X  

AD1836A Datasheet(PDF) 16 Page - Analog Devices

Part # AD1836A
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836A Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1836A Datasheet HTML 12Page - Analog Devices AD1836A Datasheet HTML 13Page - Analog Devices AD1836A Datasheet HTML 14Page - Analog Devices AD1836A Datasheet HTML 15Page - Analog Devices AD1836A Datasheet HTML 16Page - Analog Devices AD1836A Datasheet HTML 17Page - Analog Devices AD1836A Datasheet HTML 18Page - Analog Devices AD1836A Datasheet HTML 19Page - Analog Devices AD1836A Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD1836A
Rev. 0 | Page 16 of 24
FSTDM
ADC L0
ADC L1
AUX_ADC L0 AUX_ADC L1
ADC R0
INTERNAL
ADC R1
AUX_ADC R0 AUX_ADC R1
DAC L0
DAC L1
DAC L2
AUX_DAC L0
DAC R0
DAC R1
DAC R2
AUX_DAC R0
MSB TDM
1ST
CH
LEFT
RIGHT
I2S
––MSB LEFT
BCLK
TDM
ASDATA1
TDM (OUT)
ASDATA1
DSDATA1
DSDATA1
AUX
LRCLK I2S
(FROM AUX ADC NO. 1)
AUX
BCLK I2S
(FROM AUX ADC NO. 1)
AAUXDATA1 (IN)
(FROM AUX ADC NO. 1)
AAUXDATA2 (IN)
(FROM AUX ADC NO. 2)
DAUXDATA (OUT)
(TO AUX DAC)
NOTE
AUX BCLK FREQUENCY IS 64
× FRAME RATE; TDM BCLK FREQUENCY IS 256 × FRAME RATE.
FSTDM FOLLOWS AUX LRCLK BY 3 1/2 ± 1/2 TDM BCLK IN BOTH MASTER AND SLAVE MODES.
MSB TDM
8TH
CH
32
32
1ST
CH
MSB TDM
8TH
CH
TDM (IN)
INTERNAL
INTERNAL
INTERNAL
MSB TDM
INTERNAL
INTERNAL
INTERNAL
INTERNAL
INTERNAL
INTERNAL
I2S
––MSB LEFT
I2S
––MSB LEFT
I2S
––MSB RIGHT
I2S
––MSB RIGHT
I2S
––MSB RIGHT
Figure 9. AUX Mode Timing (Note that the Clocks Are Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com