Electronic Components Datasheet Search
  English  ▼

X  

AD1836A Datasheet(PDF) 21 Page - Analog Devices

Part # AD1836A
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1836A Datasheet HTML 16Page - Analog Devices AD1836A Datasheet HTML 17Page - Analog Devices AD1836A Datasheet HTML 18Page - Analog Devices AD1836A Datasheet HTML 19Page - Analog Devices AD1836A Datasheet HTML 20Page - Analog Devices AD1836A Datasheet HTML 21Page - Analog Devices AD1836A Datasheet HTML 22Page - Analog Devices AD1836A Datasheet HTML 23Page - Analog Devices AD1836A Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD1836A
Table 19. ADC Control Register 3
When changing clock mode, other SPI bits that are written during the same SPI transaction may be lost. Therefore, it is recommended
that these be set separately.
Function
Address
RD/WR
Reserved
Clock Mode
Left Differential
I/P Select
Right
Differential
I/P Select
Left
MUX/PGA
Enable
Left MUX
I/P Select
Right
MUX/PGA
Enable
Right
MUX I/P
Select
15, 14,
13, 12
11
10, 9, 8
7, 6
5
4
3
2
1
0
1110
0
000
00 = 256 × fS
01 = 512 × fS
10 = 768 × fS
0 = Differential
PGA Mode
1 = PGA/MUX
Mode (Single-
Ended Input)
0 = Differential
PGA Mode
1 = PGA/MUX
Mode (Single-
Ended Input)
0 = Direct
1 = MUX/PGA
0 = I/P 0
1 = I/P 1
0 = Direct
1 = MUX/PGA
0 = I/P 0
1 = I/P 1
Table 20. ADC Peak Level Data Registers
Peak Level Data (10 Bits)
Address
RD/WR
Reserved
6 Data Bits
4 Fixed Bits
15, 14, 13, 12
11
10
9:4
3:0
1000 = ADC1L
1001 = ADC1R
1010 = ADC2L
1011 = ADC2R
1
0
000000 = 0.0 dBFS
000001 = –1.0 dBFS
000010 = –2.0 dBFS
000011 = –3.0 dBFS
111100 = –60 dBFS Min
0000
The 4 LSBs are always zero.
Rev. 0 | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com