Electronic Components Datasheet Search
  English  ▼

X  

AD1836ACS Datasheet(PDF) 7 Page - Analog Devices

Part # AD1836ACS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836ACS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1836ACS Datasheet HTML 3Page - Analog Devices AD1836ACS Datasheet HTML 4Page - Analog Devices AD1836ACS Datasheet HTML 5Page - Analog Devices AD1836ACS Datasheet HTML 6Page - Analog Devices AD1836ACS Datasheet HTML 7Page - Analog Devices AD1836ACS Datasheet HTML 8Page - Analog Devices AD1836ACS Datasheet HTML 9Page - Analog Devices AD1836ACS Datasheet HTML 10Page - Analog Devices AD1836ACS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD1836A
Table 7. Timing Specifications (Continued)
Parameter
Comments
Min
Max
Unit
tXBD
AUXBCLK Delay
15
ns
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
AUXILIARY INTERFACE
(Master Mode)
tXLS
AUXLRCLK Skew
From AUXBCLK Falling
–3
+3
ns
tXBH
AUXBCLK High
60
ns
tXBL
AUXBCLK Low
60
ns
fXB
AUXBCLK Frequency
64 × fS
ns
tDLS
AUXLRCLK Setup
To AUXBCLK Rising
5
ns
AUXILIARY INTERFACE
(Slave Mode)
tDLH
AUXLRCLK Hold
From AUXBCLK Rising
15
ns
Rev. 0 | Page 7 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com