Electronic Components Datasheet Search
  English  ▼

X  

AD1836ACS Datasheet(PDF) 23 Page - Analog Devices

Part # AD1836ACS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836ACS Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1836ACS Datasheet HTML 16Page - Analog Devices AD1836ACS Datasheet HTML 17Page - Analog Devices AD1836ACS Datasheet HTML 18Page - Analog Devices AD1836ACS Datasheet HTML 19Page - Analog Devices AD1836ACS Datasheet HTML 20Page - Analog Devices AD1836ACS Datasheet HTML 21Page - Analog Devices AD1836ACS Datasheet HTML 22Page - Analog Devices AD1836ACS Datasheet HTML 23Page - Analog Devices AD1836ACS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD1836A
Rev. 0 | Page 23 of 24
OUTLINE DIMENSIONS
SEATING
PLANE
VIEW A
0.23
0.11
2.45
MAX
1.03
0.88
0.73
TOP VIEW
(PINS DOWN)
1
39
40
13
14
27
26
52
PIN 1
0.65 BSC
13.45
13.20
12.95
10.20
10.00
9.80
SQ
7.80
REF
SQ
0.40
0.22
VIEW A
ROTATED 90° CCW
7°
0°
2.20
2.00
1.80
0.13 MIN
COPLANARITY
COMPLIANT TO JEDEC STANDARDS M-022-AC
Figure 15. 52-Lead Plastic Quad Flat Package [MQFP]
(S-52A)
Dimensions shown in millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ORDERING GUIDE
AD1836A Products
Temperature Package
Package Description
Package Option
AD1836AAS
–40°C to +85°C Ambient
52-Lead MQFP
S-52A
AD1836AASRL
–40°C to +85°C Ambient
52-Lead MQFP
S-52A on 13" Reels
AD1836ACS
–40°C to +85°C Ambient
52-Lead MQFP
S-52A
AD1836ACSRL
–40°C to +85°C Ambient
52-Lead MQFP
S-52A on 13" Reels
EVAL-AD1836AEB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com