Electronic Components Datasheet Search
  English  ▼

X  

MAX32010 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX32010
Description  25V Span, 1.2A Device Power Supply (DPS)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32010 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX32010 Datasheet HTML 1Page - Maxim Integrated Products MAX32010 Datasheet HTML 2Page - Maxim Integrated Products MAX32010 Datasheet HTML 3Page - Maxim Integrated Products MAX32010 Datasheet HTML 4Page - Maxim Integrated Products MAX32010 Datasheet HTML 5Page - Maxim Integrated Products MAX32010 Datasheet HTML 6Page - Maxim Integrated Products MAX32010 Datasheet HTML 7Page - Maxim Integrated Products MAX32010 Datasheet HTML 8Page - Maxim Integrated Products MAX32010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Click here for production status of specific part numbers.
MAX32010
25V Span, 1.2A Device Power Supply (DPS)
www.maximintegrated.com
19-100946; Rev 0; 11/20
General Description
The MAX32010 provides all the key features of a device
power
supply
(DPS)
common
to
automatic
test
equipment (ATE) and other instrumentation. Its small
size, high level of integration, and superb flexibility make
the MAX32010 ideal and economical for multisite
systems requiring many device power supplies.
The MAX32010 has multiple input control voltages that
allow independent setting of the output voltage and
voltage/current limits. The MAX32010 is a voltage
source when the load current is between the two
programmed limits, and it transitions gracefully into a
precision current source/sink if a programmed current
limit is reached. The output features two independently
adjustable voltage clamps that limit both the negative
and positive output voltage.
The MAX32010 can source voltages spanning 25V and
can source currents as high as ±1200mA. The DPS can
support an external buffer for sourcing and sinking
higher currents. Multiple MAX32010s can be configured
in parallel to load-share, allowing higher output currents
with
greater
flexibility.
The
MAX32010
features
operation over a wide range of load conditions.
Programmability allows optimizing of settling time, over-/
undershoot, and stability. Configurable range-change
glitch control circuit minimizes output transients during
range transitions.
The MAX32010 offers load regulation of 1mV at 1200mA
load and is available in a 100-pin TQFP package with an
exposed pad on the top for heat removal.
Applications
• Memory Testers
• VLSI Testers
• System-on-a-Chip Testers
• Industrial Systems
• Programmable Power Supplies
Benefits and Features
• Programmability for Multiple ATE Applications
• Programmable Current and Voltage Compliance
• Programmable Current Ranges
- ±200µA
- ±2mA
- ±20mA
- ±1200mA
• External Buffer Supports Higher Currents with up
to 16 Parallel Devices
• Programmable Gain Allows a Wide Range of
DACs
• High Accuracy and Flexible Control for Optimal
Performance
• Load Regulation of 1mV at 1200mA
• Programmable Compensation for Wide Range of
Loads
• Range Change Glitch Control
• Integrated Window Comparator for Go/No-Go
Testing
• External Test Mode Enables IDDQ Measurement
with Reprogramming
• 3-Wire, 20MHz SPI Interface
• Integrated Protection for Robustness
• Thermal Warning Flag and Thermal Shutdown
• Short-Circuit Protection
• Compact 14mm x 14mm, 100-Pin TQFP Package
Ordering Information appears at end of data sheet.


Similar Part No. - MAX32010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32010 MAXIM-MAX32010 Datasheet
1Mb / 26P
Easy Evaluation of the MAX32010 EV kit
Rev 0; 11/20
MAX32010EVKIT MAXIM-MAX32010EVKIT Datasheet
1Mb / 26P
Easy Evaluation of the MAX32010 EV kit
Rev 0; 11/20
More results

Similar Description - MAX32010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSA12T SANYO-DSA12T Datasheet
50Kb / 2P
1.2A Power Rectifier
logo
Rohm
2SD2537 ROHM-2SD2537 Datasheet
75Kb / 4P
Medium Power Transistor (25V, 1.2A)
2SD2537 ROHM-2SD2537_1 Datasheet
74Kb / 4P
Medium Power Transistor (25V, 1.2A)
2SD2537 ROHM-2SD2537_11 Datasheet
134Kb / 3P
Medium Power Transistor (25V, 1.2A)
2SD2537T100V ROHM-2SD2537T100V Datasheet
85Kb / 3P
Medium Power Transistor (25V, 1.2A)
logo
Analog Devices
AD5560JSVUZ AD-AD5560JSVUZ Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply
REV. D
AD5560 AD-AD5560_17 Datasheet
2Mb / 67P
1.2 A Programmable Device Power Supply
23-Feb-2017
logo
Maxim Integrated Produc...
MAXREFDES108 MAXIM-MAXREFDES108 Datasheet
522Kb / 13P
MAXREFDES108#: NON POWERED DEVICE POWER SUPPLY
MAXREFDES98 MAXIM-MAXREFDES98 Datasheet
535Kb / 12P
MAXREFDES98#: NON POWERED DEVICE POWER SUPPLY
logo
Infineon Technologies A...
ISK024NE2LM5 INFINEON-ISK024NE2LM5 Datasheet
1Mb / 11P
OptiMOS5 power-Transistor,25V
Rev.2.0 2020-09-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com