Electronic Components Datasheet Search
  English  ▼

X  

MAX32010 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX32010
Description  25V Span, 1.2A Device Power Supply (DPS)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32010 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX32010 Datasheet HTML 17Page - Maxim Integrated Products MAX32010 Datasheet HTML 18Page - Maxim Integrated Products MAX32010 Datasheet HTML 19Page - Maxim Integrated Products MAX32010 Datasheet HTML 20Page - Maxim Integrated Products MAX32010 Datasheet HTML 21Page - Maxim Integrated Products MAX32010 Datasheet HTML 22Page - Maxim Integrated Products MAX32010 Datasheet HTML 23Page - Maxim Integrated Products MAX32010 Datasheet HTML 24Page - Maxim Integrated Products MAX32010 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MAX32010
25V Span, 1.2A Device Power Supply (DPS)
www.maximintegrated.com
Maxim Integrated | 21
Configuration and Control
Configuration of the MAX32010 is achieved through the serial interface, and through the dedicated logic-control inputs
,
, and IDDQSEL.
The serial interface has a shift register, an input register, and a DPS register (Figure 2). Serial data does not directly
affect the DPS until the data reaches the DPS register. Control of data flow to the DPS register is through two control bits
(A0 and C0) and the logic input (
.
asynchronously transfers data from the input register into the DPS register.
If
is held low when data is latched into the input register, then the data transfers directly (transparently) into the
DPS register. This allows changing the state of the DPS coincident with the end of serial-port data communication, or
asynchronously with respect to serial-port communications. Asynchronous update using
facilitates simultaneous
updates of multiple daisy-chained DPS devices.
DPS Data Control Bits
An 18-bit word programs the MAX32010. Table 1 outlines the 18-bit control word structure.
Serial Interface Data Flow Control Bits
Bits 0 and 1 (C0 and A0) specify if and how data transfers from the shift register to the input and DPS registers. The
specified actions shown in Table 2 occur when CS goes high (Figures 3 and 4).
INPUT
REGISTERS
CONTROL
DECODE
SHIFT REGISTER
2
16
CS
SCLK
DIN
DOUT
DPS REGISTER
D17
D16
D1 D0
LOAD
Figure 2. Serial Interface
When A0 = C0 = 0 (NOP), data moves through the shift register to DOUT without a change in mode or operation. This is
useful when daisy-chaining devices to shift operational data through a number of devices to a specific device without
altering some or all
the device’s operational data. To update multiple daisy-chained devices simultaneously, use A0 = 1
and C0 = 0 to load the input register of the devices to be updated and activate
after
goes high (Figure 4). If
is held low while
is raised, data latched to the input register is also latched to the DPS register, independent of
the state of C0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com