Electronic Components Datasheet Search
  English  ▼

X  

LM4674 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4674
Description  Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4674 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4674 Datasheet HTML 1Page - National Semiconductor (TI) LM4674 Datasheet HTML 2Page - National Semiconductor (TI) LM4674 Datasheet HTML 3Page - National Semiconductor (TI) LM4674 Datasheet HTML 4Page - National Semiconductor (TI) LM4674 Datasheet HTML 5Page - National Semiconductor (TI) LM4674 Datasheet HTML 6Page - National Semiconductor (TI) LM4674 Datasheet HTML 7Page - National Semiconductor (TI) LM4674 Datasheet HTML 8Page - National Semiconductor (TI) LM4674 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note 1)
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
–0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility, all other pins (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature (T
JMAX)
150˚C
Thermal Resistance
θ
JA
45.7˚C/W
Operating Ratings (Note 1) (Note 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.4V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD = 3.6V
(Notes 1, 2)
The following specifications apply for A
V = 6dB, RL =15µH+8
Ω + 15µH, f = 1kHz unless otherwise specified. Limits apply
for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4674
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
OS
Differential Output Offset Voltage
V
IN =0,VDD = 2.4V to 5.0V
5
mV
I
DD
Quiescent Power Supply Current
V
IN =0,RL = ∞,
Both channels active, V
DD = 3.6V
46
mA
V
IN =0,RL = ∞,
Both channels active, V
DD =5V
5
7.5
I
SD
Shutdown Current
V
SD1 =VSD2 = GND
0.03
1
µA
V
SDIH
Shutdown Voltage Input High
1.4
V (min)
V
SDIL
Shutdown Voltage Input Low
0.4
V (max)
T
WU
Wake Up Time
V
SHUTDOWN = 0.4V
0.5
ms
A
V
Gain
GAIN0, GAIN1 = GND
6
6 ± 0.5
dB
GAIN0 = V
DD, GAIN1 = GND
12
12 ± 0.5
GAIN0 = GND, GAIN1 = V
DD
18
18 ± 0.5
GAIN0, GAIN1 = V
DD
24
24 ± 0.5
R
IN
Input Resistance
A
V = 6dB
28
k
Ω
A
V = 12dB
18.75
A
V = 18dB
11.25
A
V = 24dB
6.25
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com