Electronic Components Datasheet Search
  English  ▼

X  

LM4674 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4674
Description  Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4674 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4674 Datasheet HTML 1Page - National Semiconductor (TI) LM4674 Datasheet HTML 2Page - National Semiconductor (TI) LM4674 Datasheet HTML 3Page - National Semiconductor (TI) LM4674 Datasheet HTML 4Page - National Semiconductor (TI) LM4674 Datasheet HTML 5Page - National Semiconductor (TI) LM4674 Datasheet HTML 6Page - National Semiconductor (TI) LM4674 Datasheet HTML 7Page - National Semiconductor (TI) LM4674 Datasheet HTML 8Page - National Semiconductor (TI) LM4674 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics V
DD = 3.6V (Notes 1, 2)
The following specifications apply for A
V = 6dB, RL =15µH+8
Ω + 15µH, f = 1kHz unless otherwise specified. Limits apply for
TA = 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4674
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
P
O
Output Power
R
L =15µH+4
Ω + 15µH, THD = 10%
f = 1kHz, 22kHz BW
V
DD = 5V
2.5
W
V
DD = 3.6V
1.2
V
DD = 2.5V
0.530
R
L =15µH+8
Ω + 15µH, THD = 10%
f = 1kHz, 22kHz BW
V
DD = 5V
1.5
W
V
DD = 3.6V
0.78
0.6
V
DD = 2.5V
0.350
R
L =15µH+4
Ω + 15µH, THD = 1%
f = 1kHz, 22kHz BW
V
DD = 5V
1.9
W
V
DD = 3.6V
1
V
DD = 2.5V
0.430
R
L =15µH+8
Ω + 15µH, THD = 1%
f = 1kHz, 22kHz BW
V
DD = 5V
1.25
W
V
DD = 3.6V
0.63
V
DD = 2.5V
0.285
THD+N
Total Harmonic Distortion
P
O = 500mW, f = 1kHz, RL = 8
Ω
0.07
%
P
O = 300mW, f = 1kHz, RL = 8
Ω
0.05
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVP-P Sine,
f
Ripple = 217Hz, Inputs AC GND, CI
= 1µF, input referred
75
dB
V
RIPPLE =1VP-P Sine,
f
Ripple = 1kHz, Inputs AC GND, CI =
1µF, input referred
75
CMRR
Common Mode Rejection Ratio
V
RIPPLE =1VP-P
f
RIPPLE = 217Hz
67
dB
η
Efficiency
P
O = 1W, f = 1kHz,
R
L =8
Ω,V
DD =5V
85
%
Crosstalk
P
O = 500mW, f = 1kHz
84
dB
SNR
Signal to Noise Ratio
V
DD = 5V, PO =1W
96
dB
e
OS
Output Noise
Input referred, A-Weighted Filter
20
µV
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX –TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4674 see power derating
currents for more information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com