Electronic Components Datasheet Search
  English  ▼

X  

OVP99 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OVP99
Description  Ovre-Voltage Protection Load Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OVP99 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  OVP99 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Notice for Typical Application Circuits:
1. When the default OVP threshold is used, connect OVLO pin to GND directly or through a 0Ω resistor. OVLO
pin cannot be left floating.
2. If R1 and R2 are used to adjust the OVP threshold, it is better to use 1% precision resistors to improve the
OVP threshold precision.
3. CIN = 0.1μF is recommended for typical application, larger CIN is also acceptable. The rated voltage of CIN
should be larger than the TVS maximum clamping voltage, if
the rated voltage of CIN should be 50V.
4. COUT = 1μF is recommended for typical application, larger COUT is also acceptable. The rated voltage of
COUT should be larger than the OVP threshold. For example, if the OVP threshold is 6.8V, the rated voltage
of COUT should be 10V or higher.
OVPxx
no TVS is applied and only OVPxx is used,
Rev 2.0 :
www.leiditech.com
12.01.2019
4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com