Electronic Components Datasheet Search
  English  ▼

X  

OVP99 Datasheet(PDF) 13 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OVP99
Description  Ovre-Voltage Protection Load Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OVP99 Datasheet(HTML) 13 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button OVP99 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd OVP99 Datasheet HTML 17Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DETAILED FUNCTIONAL DESCRIPTION
Device Operation
If the input voltage is between UVLO and OVP threshold, the internal charge pump begins to work after
debounce time, the gate of the nFET switch will be slowly charged high till the switch is fully on. ACOK will be
driven low about 30ms after VIN valid, indicating the switch is on with a good power input. If the input voltage
exceeds the OVP trip level, the switch will be turned off in about 50ns. If input voltage falls below UVLO threshold,
or over-temperature happens, the switch will also be turned off.
Over-Voltage Protection
If the input voltage exceeds the OVP rising trip level, the switch will be turned off in about 50ns. The switch will
remain off until VIN falls below the OVP falling trip level.
OVP Threshold Adjustment
If the default OVP threshold is used, OVLO pin must be grounded. If OVLO pin is not grounded, and by
connecting external resistor divider to OVLO pin as shown in the typical application circuit, between IN and GND,
the OVP threshold can be adjusted as following:
VIN_OVLO =
R1+R2
R2 V
OVLO_TH
The adjustment range is 4V to 20V. When the OVLO pin voltage VOVLO exceeds VOVLO_SEL (0.26V typical), VOVLO
is compared with the reference voltage VOVLO_TH (1.2V typical) to judge whether input supply is over-voltage. It
is recommended that the total resistance of R1 and R2 is less than 100kΩ.For example, if we select R1 = 51kΩ
and R2 = 12.4kΩ, then the new OVP threshold calculated from the above formula is 6.14V.
ACOK Output
The device features an open-drain output ACOK, it should be connected to the system I/O rail through a pull-
up resistor. If the device is enabled and VIN_UVLO<VIN<VIN_OVLO, ACOK will be driven low indicating the switch is
on with a good power input. If OVP, UVLO, or OT occurs, the switch will be turned off and ACOK will be pulled
high. If this function is not needed, ACOK pin can be floating or grounded.
USB On-The-Go (OTG) Operation
If VIN = 0V and OUT is supplied by OTG voltage, the body diode of the load switch conducts current from OUT
to IN and the voltage drop from OUT to IN is approximately 0.7V. When VIN > VIN_UVLO, internal charge pump
begins to open the load switch after debounce time (15ms typical). After switch is fully on, current is supplied
through switch channel and the voltage drop from OUT to IN is minimum.
OVPxx
Rev 2.0 :
www.leiditech.com
12.01.2019
13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com