Electronic Components Datasheet Search
  English  ▼

X  

BTA16 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BTA16
Description  Off-state repetitive peak voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BTA16 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BTA16 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BTA16 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BTA16 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BTA16 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
断态电压临界上升率
dV/dt
VDM=67%VDRM
Gate open
Tj=125℃
MIN
40
500
1000
V/µs
换向电压临界上升率
(dV/dt)C
VDM=400V Tj=125℃
(dI/dt)C=1.8A/ms Gate open
MIN
10
V/µs
四象限产品电特性
产品包装
产品保管条件
名
称
符 号
测 试 条 件
象限
C
B
单
位
断态重复峰值电流
IDRM
VDRM=VRRM
Tj=25℃
MAX
5
µA
VDRM=VRRM
Tj=125℃
MAX
2
mA
通态电压
VTM
IT=22.5A
tp=380µs
MAX
1.55
V
维持电流
IH
IGT=500mA
MAX
25
50
mA
擎住电流
IL
IG= 1.2IGT
I - III - IV
MAX
40
50
mA
II
80
100
mA
门极触发电流
IGT
VD=12V RL=30Ω
I- II -III
MAX
25
50
mA
IV
50
100
门极触发电压
VGT
I- II -III-I IV
1.3
V
门极不触发电压
VGD
VD=VDRM RL=3.3KΩ Tj=125℃
MIN
0.2
V
断态电压临界上升率
dV/dt
VDM=67%VDRM Gate open
Tj=125℃
MIN
200
400
V/µs
换向电压临界上升率
(dV/dt)C
(dI/dt)C=5.3A/ms
Gate open
Tj=125℃
MIN
5
10
V/µs
封装形式
数 量
包装材质
TO-220A/M
50/条、1000/盒、5000/箱
盒
/箱
发货方式
快
递
温度
10-30℃
湿度
<60%
放置期限
一年
保管状态
仓储
Rev :
www.leiditech.com
01.06.2018
2/4
BTA16/BTB16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com