Electronic Components Datasheet Search
  English  ▼

X  

BTA16 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BTA16
Description  Off-state repetitive peak voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BTA16 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BTA16 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BTA16 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BTA16 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BTA16 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
用 途
特
征
极限值
名
称
符 号
规范值
单 位
测试条件
断态重复峰值电压
VDRM/VRRM
600/800
V
通态均方根电流
IT(RMS)
16
A
Tc=105℃
浪涌电流
ITSM
168
A
正弦波
60Hz t=16.7ms
I2t
144
A2s
tp=10ms
通态电流临界上升率
dI/dt
50
A/µs
IG=2IGT tr≤100ns F=120Hz
门极峰值电流
IGM
4
A
Tj=125℃ tp=20µs
门极峰值电压
VGM
5
V
Tj=125℃
门极峰值功率
PGM
5
W
Tj=125℃
平均门极功率
PG(AV)
1
W
Tj=125℃
结温
Tj
125
℃
贮存温度
Tstg
-40~150
℃
电特性
三象限产品电特性
名
称
符 号
测 试 条 件
象限
SW
CW
BW
单
位
重复峰值阻断电流
IDRM/IRRM
VDRM=VRRM
Tj=25℃
MAX
5
µA
VDRM=VRRM
Tj=125℃
MAX
2
mA
通态电压
VTM
IT=22.5A
tp=380µs
MAX
1.55
V
维持电流
IH
IGT=500mA
MAX
15
35
50
mA
擎住电流
IL
IG= 1.2IGT
I-III
MAX
25
50
70
mA
II
30
60
80
mA
门极触发电流
IGT
VD=12V RL=30Ω
I- II -III
MAX
10
35
50
mA
门极触发电压
VGT
1.3
V
门极不触发电压
VGD
VD=VDRM RL=3.3KΩ Tj=125℃
MIN
0.2
V
TO-220A/M
(BTA16/BTB16
)
BTA16/BTB16
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - BTA16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
67Kb / 5P
STANDARD TRIACS
Mar-1995
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Suntac Electronic Corp.
BTA16 SUNTAC-BTA16 Datasheet
83Kb / 4P
16A Triacs logic level
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTA16 JIEJIE-BTA16 Datasheet
692Kb / 6P
16A TRIACs
More results

Similar Description - BTA16

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
NXP Semiconductors
BT137X-600D NXP-BT137X-600D Datasheet
114Kb / 8P
Repetitive peak off-state voltages
June 2001
logo
Apollo Electron Co., Lt...
TF12A60 APOLLOELECTRON-TF12A60 Datasheet
1Mb / 6P
Repetitive Peak Off-State Voltage : 600V
logo
SemiHow Co.,Ltd.
HTX2-600 SEMIHOW-HTX2-600 Datasheet
309Kb / 6P
Repetitive Peak Off-State Voltage: 600V
HTA55A160BW SEMIHOW-HTA55A160BW Datasheet
409Kb / 4P
Repetitive Peak Off-State Voltage
HTH40A80BW SEMIHOW-HTH40A80BW Datasheet
384Kb / 4P
Repetitive Peak Off-State Voltage
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
Repetitive Peak Off-State Voltage
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
Repetitive Peak Off-State Voltage
logo
STMicroelectronics
P010XX STMICROELECTRONICS-P010XX Datasheet
178Kb / 12P
Repetitive peak off-state voltage up to 600 V
April 2014 Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com