Electronic Components Datasheet Search
  English  ▼

X  

JC357 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # JC357
Description  High isolation voltage between input and output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

JC357 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  JC357 Datasheet HTML 1Page - First Silicon Co., Ltd JC357 Datasheet HTML 2Page - First Silicon Co., Ltd JC357 Datasheet HTML 3Page - First Silicon Co., Ltd JC357 Datasheet HTML 4Page - First Silicon Co., Ltd JC357 Datasheet HTML 5Page - First Silicon Co., Ltd JC357 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2013. 09. 02
2/6
Revision No : 0
JC357
Electrical Characteristics (Ta=25℃ unless specified other wise)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Input
Forward Voltage
VF
IF=20mA
---
1.2
1.4
V
Reverse Current
IR
VR=4V
---
---
10
uA
Input Capacitance
Ct
V=0, f=1KHz
---
30
250
pF
Output
Collector-Emitter dark
current
ICEO
VCE=20V, IF=0
---
---
100
nA
Collector-Emitter
breakdown voltage
BVCEO
IC=0.1mA
IF=0
80
---
---
V
Emitter-Collector
breakdown voltage
BVECO
IE=10μA
IF=0
7
---
---
V
Collector current
Ic
IF=5mA
VCE=5V
4
---
30
mA
*2 Current transfer ratio
CTR
80
---
600
%
Saturation voltage
VCE(sat)
IF=20mA
IC= 1mA
---
0.1
0.2
V
Isolation resistor
Riso
DC 500V
40~60%R.H.
5×1010
---
---
Ω
Capacitance
Cf
V=0, f=1MHz
---
0.6
1
pF
cut-off frequency
fc
VCE=5V, IC=2mA
RL=100Ω, -3dB
---
80
---
kHz
Rise time
tr
VCE=2V, IC=2mA
RL=100Ω
---
4
18
us
Fall time
tf
---
3
18
*1CTR=IC/IF×100%
CTR range
BIN range
Min(%)
Max(%)
A
80
160
B
130
260
C
200
400
D
300
600
A or B or C or D
80
600
Test condition at:IF=5mA,VCE=5V,Ta=25℃.
us



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com