Electronic Components Datasheet Search
  English  ▼

X  

JC357 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # JC357
Description  High isolation voltage between input and output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

JC357 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  JC357 Datasheet HTML 1Page - First Silicon Co., Ltd JC357 Datasheet HTML 2Page - First Silicon Co., Ltd JC357 Datasheet HTML 3Page - First Silicon Co., Ltd JC357 Datasheet HTML 4Page - First Silicon Co., Ltd JC357 Datasheet HTML 5Page - First Silicon Co., Ltd JC357 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2013. 09. 02
3/6
Revision No : 0
JC357
Absolute Maximum Ratings(
Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6
V
Power dissipation
PD
70
mW
Output
Collector-Emitter breakdown
voltage
VCEO
80
V
Emitter-Collector breakdown
voltage
VECO
7
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
*1 Isolation voltage
Viso
3750
Vrms
Operating temperature
Topr
-55 to + 110
Storage temperature
Tstg
-55 to + 125
*2 Soldering temperature
Tsol
260
Notes:
1.AC for one minute,R.H.=40~60%.
Test methods:
1);In this test,pins 1&2 are shorted together,and pins 3&4 are shorted together.
2);For 10 seconds.
Typicalperformancecurves:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com