Electronic Components Datasheet Search
  English  ▼

X  

74HC08D Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 74HC08D
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

74HC08D Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  74HC08D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
5.2 Pin description
Table 2. Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10,13
data input
1Y to 4Y
3, 6, 8, 11
data output
GND
7
ground (0 V)
VCC
14
supply voltage
6 Functional description
Table 3. Function table [1]
Input
Output
nA
nB
nY
L
L
L
L
H
L
H
L
L
H
H
H
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
7 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
[1]
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-
±20
mA
IO
output current
-0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 to +85 °C
[2]
-
500
mW
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO14 package: Ptot derates linearly with 8 mW/K above 70 °C.
For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 °C.
74HC08; 74HCT08
Rev :
www.leiditech.com
01.06.2015
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com