Electronic Components Datasheet Search
  English  ▼

X  

74HC08D Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 74HC08D
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

74HC08D Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  74HC08D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08D Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74HC08; 74HCT08
Quad 2-input AND gate
1 General description
The 74HC08; 74HCT08 is a quad 2-input AND gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2 Features and benefits
• Complies with JEDEC standard JESD7A
• Input levels:
– For 74HC08: CMOS level
– For 74HCT08: TTL level
• ESD protection:
– HBM JESD22-A114F exceeds 2 000 V
– MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3 Ordering information
Table 1. Ordering information
Package
Type
number
Temperature range Name
Description
Version
74HC08D
74HCT08D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC08DB
74HCT08DB
-40 °C to +125 °C
SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74HC08PW
74HCT08PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HC08BQ
74HCT08BQ
-40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1
Rev :
www.leiditech.com
01.06.2015
1/15


Similar Part No. - 74HC08D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC08D PHILIPS-74HC08D Datasheet
109Kb / 20P
Quad 2-input AND gate
2003 Jul 25
74HC08D PHILIPS-74HC08D Datasheet
150Kb / 16P
Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
74HC08D PHILIPS-74HC08D Datasheet
33Kb / 5P
Quad 2-input AND gate
2003 Jul 25
logo
Toshiba Semiconductor
74HC08D TOSHIBA-74HC08D Datasheet
173Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
logo
Nexperia B.V. All right...
74HC08D NEXPERIA-74HC08D Datasheet
242Kb / 13P
Quad 2-input AND gate
Rev. 8 - 10 August 2021
More results

Similar Description - 74HC08D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com