Electronic Components Datasheet Search
  English  ▼

X  

LM8205D Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM8205D
Description  Dual N-Channel 20V,SOT-26 M0SFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM8205D Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM8205D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8205D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8205D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8205D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
▉
Features 特點
Low on-resistance and maximum DC current capability 低導通電阻和最大直流電流能力
Super high density cell design 超高元胞密度設計
RDS(ON)<25mΩ@VGS=4.5V
RDS(ON)<40mΩ@VGS=2.5V
▉
Applications 應用
Power Management in Note book 筆記本電源管理
Portable Equipment 便攜式設備
Battery Powered System 電池電源系統
DC/DC Converter 直流/直流变换
Load Switch 負載開關應用
▉
Internal Schematic Diagram 內部結構
▉
Absolute Maximum Ratings 最大额定值
Characteristic 特性參數
Symbol 符號
Max 最大值 Unit 單位
Drain-Source Voltage 漏極-源極電壓
BVDSS
20
V
Gate- Source Voltage 栅極-源極電壓
VGS
+8
V
Drain Current (continuous)漏極電流-連續
ID
5.0
A
Drain Current (pulsed)漏極電流-脉冲
IDM
20
A
Total Device Dissipation 總耗散功率
PTOT
1.25
W
Thermal Resistance Junction-Ambient 熱阻
R
ΘJA
100
℃
/W
Junction/Storage Temperature 結溫/儲存溫度
TJ,Tstg
-55~150
℃
Dual N-Channel 20V,SOT-26 M0SFET
LM8205D
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - LM8205D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
LM8207 TI2-LM8207 Datasheet
1Mb / 34P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
REVISED MARCH 2013
logo
National Semiconductor ...
LM8207MT NSC-LM8207MT Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207MT/NOPB TI1-LM8207MT/NOPB Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results

Similar Description - LM8205D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3900D TSC-TSM3900D Datasheet
385Kb / 6P
20V Dual N-Channel MOSFET
TSM9966D TSC-TSM9966D_07 Datasheet
369Kb / 6P
20V Dual N-Channel MOSFET
TSM6866SD TSC-TSM6866SD_10 Datasheet
217Kb / 6P
20V Dual N-Channel MOSFET
logo
Guilin Strong Micro-Ele...
GM8205 GSME-GM8205 Datasheet
310Kb / 3P
Dual N-channel 20V, SOT-26 MOSFET
GM8205D GSME-GM8205D Datasheet
421Kb / 4P
Dual N-channel 20V, SOT-26 MOSFET
logo
GOOD-ARK Electronics
SSF2816EB GOOD-ARK-SSF2816EB_15 Datasheet
483Kb / 4P
20V Dual N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM8205TS6 TECHPUBLIC-TPM8205TS6 Datasheet
531Kb / 4P
20V Dual N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
logo
Shanghai Leiditech Elec...
LM6L8205D LEIDITECH-LM6L8205D Datasheet
909Kb / 4P
Dual N-Channel 20V,SOT-26 M0SFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com