Electronic Components Datasheet Search
  English  ▼

X  

AM79C031A Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C031A
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031A Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C031A Datasheet HTML 29Page - Advanced Micro Devices AM79C031A Datasheet HTML 30Page - Advanced Micro Devices AM79C031A Datasheet HTML 31Page - Advanced Micro Devices AM79C031A Datasheet HTML 32Page - Advanced Micro Devices AM79C031A Datasheet HTML 33Page - Advanced Micro Devices AM79C031A Datasheet HTML 34Page - Advanced Micro Devices AM79C031A Datasheet HTML 35Page - Advanced Micro Devices AM79C031A Datasheet HTML 36Page - Advanced Micro Devices AM79C031A Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
SLAC Products
33
21. Write Operating Conditions
(70h)
Cut off Transmit Path
CTP = 0*
Transmit path connected
CTP = 1
Transmit path cut off (see note)
Cut off Receive Path
CRP = 0*
Receive path connected
CRP = 1
Receive path cut off
High-Pass Filter
HPF = 0*
High-pass filter enabled
HPF = 1
High-pass filter disabled
Receive Path Gain
RG = 0*
6 dB loss not inserted
RG = 1
6 dB loss inserted
Analog Loopback
ALB = 0*
Analog loopback disabled
ALB = 1
Analog loopback enabled
TSA Loopback
TLB = 0*
TSA loopback disabled
TLB = 1
TSA loopback enabled
RSVD = Reserved. Always write as 0, but 0 is not guaranteed when read.
* Power up default value.
Note:
The B Filter still is connected across the PCM highway during Receive Cut off. Accompany
Receive Cut off with a B Filter disable command.
22. Read Operating Conditions
(71h)
23. Read Revision Code Number
(73h)
This command returns an 8-bit number describing the revision number of the DSLAC device. It
can be read on either channel.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
1
0
0
0
0
Input Data
CTP
CRP
HPF
RG
ALB
TLB
RSVD
RSVD
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
1
0
0
0
1
Output Data
CTP
CRP
HPF
RG
ALB
TLB
RSVD
RSVD
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
1
0
0
1
1
Output Data
#
#
#
#
#
#
#
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com