Electronic Components Datasheet Search
  English  ▼

X  

AM79C031A Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C031A
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031A Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C031A Datasheet HTML 30Page - Advanced Micro Devices AM79C031A Datasheet HTML 31Page - Advanced Micro Devices AM79C031A Datasheet HTML 32Page - Advanced Micro Devices AM79C031A Datasheet HTML 33Page - Advanced Micro Devices AM79C031A Datasheet HTML 34Page - Advanced Micro Devices AM79C031A Datasheet HTML 35Page - Advanced Micro Devices AM79C031A Datasheet HTML 36Page - Advanced Micro Devices AM79C031A Datasheet HTML 37Page - Advanced Micro Devices AM79C031A Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
Am79C02/03/031(A) Data Sheet
24. Write GX Filter Coefficients
(80h)
The coefficient for the GX filter is defined as:
25. Read GX Filter Coefficients
(81h)
26. Write GR Filter Coefficients
(82h)
The coefficient for the GR filter is defined as:
27. Read GR Filter Coefficients
(83h)
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
0
0
0
0
Input Data Byte 1
C40
m40
C30
m30
Input Data Byte 2
C20
m20
C10
m10
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
0
0
0
1
Output Data Byte 1
C40
m40
C30
m30
Output Data Byte 2
C20
m20
C10
m10
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
0
0
1
0
Input Data Byte 1
C40
m40
C30
m30
Input Data Byte 2
C20
m20
C10
m10
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
0
0
1
1
Output Data Byte 1
C40
m40
C30
m30
Output Data Byte 2
C20
m20
C10
m10
H
GX
1C10
2
m10
–
1C20
2
m20
–
1C30
2
m30
–
1C40
2
m40
–
•
+
()
•
+
[]
•
+
{}
•
()
+
=
H
GR
C10
2
m10
–
•
1C20
2
m20
–
1C30
2
m30
–
1C40
2
m40
–
•
+
()
•
+
[]
•
+
{}
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com