Electronic Components Datasheet Search
  English  ▼

X  

SMF140A Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SMF140A
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMF140A Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SMF140A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision October 26, 2020
1 / 6
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMF Series
5.0 To 220 V
200W
SOCAY Electronics Corp., Ltd.
www.socay.com
Uni-directional
Bi-directional
The SMF series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient
voltage events.
Compatible with industrial standard package SOD-123
For surface mounted applications in order to optimize board space
Low leakage
Uni and Bidirectional unit
Glass passivated junction
Low inductance
Excellent clamping capability
200W Peak power capability at 10 × 1000µs waveform Repetition rate
(duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
High Temperature soldering: 260°C/40 seconds at terminals
Typical maximum temperature coefficient ΔVBR = 0.1% ×
VBR@25°C× ΔT
Plastic package has Underwriters Laboratory Flammability 94V-0
Matte tin lead–free Plated
Halogen free and RoHS compliant
Typical failure mode is short from over-specified voltage or current
Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
ESD protection of data lines in accordance with IEC 61000-4-2
(IEC801-2)
EFT protection of data lines in accordance with IEC 61000-4-4
(IEC801-4)
TVS devices are ideal for the protection of I/O interfaces, VCC
bus and other vulnerable circuits used in Telecom, Computer,
Industrial and Consumer electronic applications.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000µs waveform (Fig.1)(Note
1), (Note 2)
PPPM
200
Watts
Peak Pulse Power Dissipation with a 8/20µs waveform (Fig.1)(Note 1),
(Note 2)
PPPM
1000
Watts
Peak Pulse Current with a 10/1000µs waveform.(Note1,Fig.3)
IPP
See Next Table
Amps
Power Dissipation on Infinite Heat Sink at TL=75°C
PM(AV)
0.4
Watt
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3)
IFSM
20
Amps
Maximum Instantaneous Forward Voltage at 25A for Unidirectional Only
(Note 4)
VF
3.5
Voltage
Operating junction and Storage Temperature Range.
TJ , TSTG
-55 to +150
°C
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
4. VF < 3.5V for VBR < 200V and VF< 6.5V for VBR > 201V.
Functional Diagram
Applications
Maximum Ratings (TA=25℃ unless otherwise noted)
Description
Features
Bi-directional
Uni-direction
Cathode
Anode


Similar Part No. - SMF140A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SMF140A PANJIT-SMF140A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMF140A PANJIT-SMF140A Datasheet
109Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMF140A LUGUANG-SMF140A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF140A LUGUANG-SMF140A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF140A LUGUANG-SMF140A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
More results

Similar Description - SMF140A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10A SOCAY-SMAJ10A Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10CA SOCAY-SMAJ10CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11 SOCAY-SMAJ11 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11C SOCAY-SMAJ11C Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ12 SOCAY-SMAJ12 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ SOCAY-SMAJ Datasheet
1Mb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com