Electronic Components Datasheet Search
  English  ▼

X  

SMF140A Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SMF140A
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMF140A Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SMF140A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMF140A Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision October 26, 2020
5 / 6
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMF Series
5.0 To 220 V
200W
SOCAY Electronics Corp., Ltd.
www.socay.com
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.031
0.044
0.77
1.09
B
0.1
0.112
2.51
2.81
C
0.055
0.077
1.50
1.95
D
0.140
0.152
3.51
3.82
E
0.037
0.053
0.93
1.33
F
0.01
-
0.25
-
G
-
0.010
-
0.25
P N
Package
Reel(pcs)
Per Carton(pcs)
MOQ
Packaging Option
Packaging Specification
SMFXXX
SOD-123
3000
48000
15K
Tape&Reel -12mm/7″tape
EIA STD RS-481
S M F × × × C A
5% VBR VOLTAGE TOLERANCE
BI-DIRECTIONAL
VR VOLTAGE
SERIES
Dimensions
Part Numbering
Part Marking
Packaging
Marking Code
Cathode Band
SOD-123
Cathode Band



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com