Electronic Components Datasheet Search
  English  ▼

X  

AM79Q4457VC Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AM79Q4457VC
Description  Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q4457VC Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AM79Q4457VC Datasheet HTML 15Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 16Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 17Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 18Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 19Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 20Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 21Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 22Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
SLAC Products
19
Discrimination against 12 kHz and
16 kHz Metering Signals
If the QSLAC-NP device is used in a metering applica-
tion where 12 kHz or 16 kHz tone bursts are injected
onto the telephone line toward the subscriber, a portion
of those tones may also appear at the I
IN terminal.
These out-of-band signals may cause frequency com-
ponents to appear below 4 kHz at the digital output.
For a 12 kHz or 16 kHz tone, the frequency compo-
nents below 4 kHz will be reduced from the input by at
least 70 dB. The sum of the peak metering and signal
currents must be within the analog input current range.
Spurious Out-of-Band Signals at the
Analog Output
With PCM code words representing a sine wave signal
in the range of 300 Hz to 3400 Hz at a level of 0 dBm0
applied to the digital input, the level of the spurious
out-of-band signals at the analog output is less than
the limits shown in the following table.
With code words representing any sine wave signal in
the range 3.4 kHz to 4.0 kHz at a level of 0 dBm0 ap-
plied to the digital input, the level of the signals at the
analog output are below the limits in Figure 6. The am-
plitude of the spurious out-of-band signals between
3400 Hz and 4600 Hz is given by the formula:
Frequency
Level
4.6 kHz to 40 kHz
–32 dBm0
40 kHz to 240 kHz
–46 dBm0
240 kHz to 1 MHz
–36 dBm0
A14
–
14
π f 4000
–
()
1200
---------------------------- dBm0
sin
–
=
0
–10
–20
–30
–40
–50
–28 dB
–32 dB
QSLAC-NP Device Specification
Frequency (kHz)
3.4
4.0
4.6
19256A-013
Level (dBm0)
Figure 6. Spurious Out-of-Band Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com