Electronic Components Datasheet Search
  English  ▼

X  

AM79Q4457VC Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AM79Q4457VC
Description  Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q4457VC Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AM79Q4457VC Datasheet HTML 27Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 28Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 29Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 30Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 31Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 32Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 33Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 34Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
SLAC Products
31
Bal
Net
1
Bal
Net
2
Bal
Net
1
*
Bal
Net
2
*
V
CCD
20031A–011
Digital
GND
Digital
V
CC
Am79Q4457JC
QSLAC-NP
C1
TX1
I1
IN1
R1
TX1
C2
TX1
R2
TX1
R
RX1
C
RX1
Bal
Net
1
Bal
Net
2
SLIC1
V
TX
RSN
C1
TX2
R1
TX2
C2
TX2
R2
TX2
R
RX2
C
RX2
SLIC2
V
TX
RSN
C1
TX3
R1
TX3
C2
TX3
R2
TX3
R
RX3
C
RX3
SLIC3
V
TX
RSN
C1
TX4
R1
TX4
C2
TX4
R2
TX4
R
RX4
C
RX4
SLIC4
V
TX
RSN
I2
IN1
V
OUT1
I1
IN2
I2
IN2
V
OUT2
I1
IN3
I2
IN3
V
OUT3
I1
IN4
I2
IN4
V
OUT4
R
REF3A
R
REF2A
R
REF1
R
REF2B
R
REF3B
C
FIL
I
REF1
I
REF2
I
REF3
V
REF1
V
REF2
V
REF3
A/
µ
V
CCD
B
A
C
K
P
L
A
N
E
DXA
TSCA
DRA
PCLK
FSR
n
FSX
n
MCLK
To other
QSLAC-NP
Devices
CCLK
CI
CO
CS
1
CS
2
CS
3
CS
4
DGND
V
CCD
To
SLICs
Analog GND
Analog V
CC
C
O
N
T
R
O
L
AGND
V
CCA
P
C
M
R
PULL
13 k
Ω ≤ R
REF1 ≤ 26 kΩ
13 k
Ω ≤ R
REF2A + RREF2B ≤ 26 kΩ
13 k
Ω ≤ R
REF3A + RREF3B ≤ 26 kΩ
R
PULL = 360 Ω ± 5%
R1
TX1, R1TX2, R1TX3, R1TX4 - See Transmit Gain Select 1, Table 2
R2
TX1, R2TX2, R2TX3, R2TX4 - See Transmit Gain Select 2, Table 2
Z
T1–4 = SLIC Programming Impedance - See SLIC Data Sheet
Figure 10. Am79Q4457JC Device
Bal
Net
1
*
Bal
Net
2
*
R
RX1, RRX2, RRX3, RRX4 - See SLIC Data Sheet
C
FIL = 0.1 µF ± 20%, X7R
C1
TX1, C1TX2, C1TX3, C1TX4 = 0.1 µF ± 20%, X7R, typ.
C2
TX1, C2TX2, C2TX3, C2TX4 = 0.1 µF ± 20%, X7R, typ.
C
RX1, CRX2, CRX3, CRX4 = 0.1 µF ± 20%, X7R, typ.
*Optional Balance Network connection.
Bal
Net
1
Bal
Net
2
Bal
Net
1
*
Bal
Net
2
*
Bal
Net
1
Bal
Net
2
Bal
Net
1
*
Bal
Net
2
*
Z
T1
Z
T2
Z
T3
Z
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com