Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 36 Page - Analog Devices

Part # LTC7813
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 36 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 32Page - Analog Devices LTC7813 Datasheet HTML 33Page - Analog Devices LTC7813 Datasheet HTML 34Page - Analog Devices LTC7813 Datasheet HTML 35Page - Analog Devices LTC7813 Datasheet HTML 36Page - Analog Devices LTC7813 Datasheet HTML 37Page - Analog Devices LTC7813 Datasheet HTML 38Page - Analog Devices LTC7813 Datasheet HTML 39Page - Analog Devices LTC7813 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
LTC7872
36
Rev. 0
For more information www.analog.com
MFR_OC_FAULT
The MFR_OC_FAULT returns a one-byte summary of overcurrent fault condition. When the voltage difference between
SNSD+ and SNS– pins is larger than the overcurrent fault threshold programmed by the ILIM pin, the corresponding
register bit will become 1.
MFR_OC_FAULT Register Contents:
BIT
NAME
VALUE MEANING
7:6
Reserved
5
OC_FAULT_4
1
Channel 4 overcurrent fault has occurred.
4
OC_FAULT_3
1
Channel 3 overcurrent fault has occurred.
3
Reserved
2
Reserved
1
OC_FAULT_2
1
Channel 2 overcurrent fault has occurred.
0
OC_FAULT_1
1
Channel 1 overcurrent fault has occurred.
MFR_NOC_FAULT
The MFR_NOC_FAULT returns a one-byte summary of negative overcurrent fault condition. When the voltage difference
between SNSD+ and SNS– pins is less than the negative overcurrent fault threshold programmed by the ILIM pin, the
corresponding register bit will become 1.
MFR_NOC_FAULT Register Contents:
BIT
NAME
VALUE MEANING
7:6
Reserved
5
NOC_FAULT_4
1
Channel 4 negative overcurrent fault has occurred.
4
NOC_FAULT_3
1
Channel 3 negative overcurrent fault has occurred.
3
Reserved
2
Reserved
1
NOC_FAULT_2
1
Channel 2 negative overcurrent fault has occurred.
0
NOC_FAULT_1
1
Channel 1 negative overcurrent fault has occurred.
MFR_STATUS
The MFR_STATUS returns a one-byte summary of the operation status. The content of the MFR_STATUS register is
read only.
MFR_STATUS Register Contents:
BIT
NAME
VALUE MEANING
7:3
Reserved
2
SS_DONE
1
The soft-start is finished.
1
MAX_CURRENT
1
The maximum current programmed by the ILIM pin is reached.
0
PGOOD
1
The regulated VLOW/VHIGH is within ±10% regulation windows.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com