Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 48 Page - Analog Devices

Part # LTC7813
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 48 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 40Page - Analog Devices LTC7813 Datasheet HTML 41Page - Analog Devices LTC7813 Datasheet HTML 42Page - Analog Devices LTC7813 Datasheet HTML 43Page - Analog Devices LTC7813 Datasheet HTML 44Page - Analog Devices LTC7813 Datasheet HTML 45Page - Analog Devices LTC7813 Datasheet HTML 46Page - Analog Devices LTC7813 Datasheet HTML 47Page - Analog Devices LTC7813 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
LTC7872
48
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
03/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
V5
LTC7060
LTC7060
7872 TA03
DRIVER
PWM1
0.1µF
1.87k
2m
18.7k
0.1µF
1.69k
15µH
SNSA1+
SNSD1+
SNS1–
VFBLOW
OVLOW
EXTVCC
VLOW
24V/60A
OVHIGH
UVHIGH
VFBHIGH
VHIGH
ITHLOW
IMON
SS
SETCUR
DRVCC
V5
PWMEN
FREQ
SGND
VHIGH
DRIVER
PWM4
0.1µF
1.87k
2m
18.7k
0.1µF
1.69k
15µH
SNSA4+
SNSD4+
SNS4–
VHIGH
ITHHIGH
22µF
×4
210k
+ 33µF
×4
VHIGH
36V TO 70V
2.2µF
×12
+ 33µF
×12
191k
10k
10k
2.2
100pF
0.1µF
4.7µF
4.7µF
45.3k
0.33µF
1µF
1nF
499
51k
37.4k
0.1µF
47pF
499
499k
12.7k
267k
10k
3.01M
48.7k
BOOST
BUCK
SPI
INTERFACE
(PHASE 2 TO PHASE 3)
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT
DRVSET
MODE
RUN
FAULT
PGOOD
LTC7872
1k
V5
1µF
ZHCS400
ILIM
30.1k
10k
V5
BUCK
SCLK
SDI
SDO
CSB
LTC7060
LTC7060
High Efficiency 4-Phase 24V/60A Bidirectional Supply
PART NUMBER
DESCRIPTION
COMMENTS
LTC7871
Six-Phase, Synchronous Bidirectional Buck or Boost
Controller
Up to 100V for VHIGH, Up to 60V VLOW, PLL Fixed Frequency 60kHz to 750kHz,
64-Lead LQFP
LTC7060
100V Half Bridge Gate Driver with Floating Grounds
and Programmable Dead-Time
Up to 100V Supply Voltage, 6V ≤ VCC ≤ 14V, Adaptive Shoot-Through
Protection, 2mm × 3mm LFCSP and 12-Lead MSOP
LT8228
Bidirectional Buck or Boost Controller with Fault
Protection
Up to 100V for VHIGH, and VLOW, Ideal for 48V/12V Automotive Battery
Applications
LT8708/LT8708-1 80V Synchronous 4-Switch Buck-Boost DC/DC
Controller with Flexible Bidirectional Capability
2.8V ≤ VIN ≤ 80V, 1.3V ≤ VOUT ≤ 80V, PLL Fixed Frequency 100kHz to 400kHz,
5mm × 8mm QFN-40
LTC3871
Bidirectional PolyPhase Synchronous Buck or
Boost Controller
Up to 100V VHIGH, Up to 30V VLOW, PLL Fixed Frequency 60kHz to 460kHz,
48-Lead LQFP
LTC4449
High Speed Synchronous N-Channel MOSFET Driver Up to 38V Supply Voltage, 4V ≤ VCC ≤ 6.5V, Adaptive Shoot-Through
Protection, 2mm × 3mm DFN-8
LTC3779
150V VIN and VOUT Synchronous 4-Switch
Buck-Boost Controller
4.5V ≤ VIN ≤ 150V, 1.2V ≤ VOUT ≤ 150V, PLL Fixed Frequency 50kHz to
600kHz, FE38 TSSOP
LTC7813
60V Low IQ Synchronous Boost+Buck Controller,
Low EMI and Low Input/Output Ripple
4.5V (Down to 2.2V After Start-Up) ≤ VIN ≤ 60V, Boost VOUT Up to 60V, 0.8V ≤
Buck VOUT ≤ 60V, IQ = 29µA, 5mm × 5mm QFN-32 Package
LTC3899
60V, Triple Output, Buck/Buck/Boost Synchronous
Controller with 29µA Burst Mode IQ
4.5V (Down to 2.2V after Start-Up) ≤ VIN ≤ 60V, VOUT Up to 60V, Buck VOUT
Range: 0.8V to 60V, Boost VOUT Up to 60V
LTM® 8056
58VIN, Buck-Boost µModule Regulator, Adjustable
Input and Output Current Limiting
5V ≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 48V, 15mm × 15mm × 4.92mm BGA Package
LTC7103
105V, 2.3A, Low EMI Synchronous
Step-Down Regulator
4.4V ≤ VIN ≤ 105V, 1V ≤ VOUT ≤ VIN, IQ = 2µA, Fixed Frequency 200kHz,
5mm × 6mm QFN Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com