Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4700
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 1 Page - Analog Devices

  LTM4700 Datasheet HTML 1Page - Analog Devices LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
LTM4681
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad 31.25A or Single 125A µModule Regulator
with Digital Power System Management
The LTM®4681 is a quad 31.25A or single 125A step-
down µModule® (power module) DC/DC regulator fea-
turing remote configurability and telemetry-monitoring
of power management parameters over PMBus. The
LTM4681 is comprised of digitally programmable analog
control loops, precision mixed-signal circuitry, EEPROM,
power MOSFETs, inductors and supporting components.
The LTM4681’s 2-wire serial interface allows outputs
to be margined, tuned and ramped up and down at pro-
grammable slew rates with sequencing delay times. True
input current sense, output currents and voltages, output
power, temperatures, uptime and peak values are read-
able. Custom configuration of the EEPROM contents is not
required. At start-up, output voltages, switching frequency,
and channel phase angle assignments can be set by pin-
strapping resistors. The LTpowerPlay® GUI and DC1613
USB-to-PMBus converter and demo kits are available.
The LTM4681 is offered in a 15mm × 22mm × 8.17mm
BGA package available with SnPb or RoHS compliant
terminal finish.
APPLICATIONS
n
Quad Digitally Adjustable Analog Loops with Digital
Interface for Control and Monitoring
n
Wide Input Voltage Range: 4.5V to 16V
n
Output Voltage Range: 0.5V to 3.3V
n
±0.5% Maximum DC Output Error Over Temperature
n
±4% Current Readback Accuracy: 0°C to 125°C
n
Integrated Input Current Sense Amplifier
n
400kHz PMBus-Compliant I2C Serial Interface
n
Supports Telemetry Polling Rates Up to 125Hz
n
Integrated 16-Bit ∆Σ ADC
n
Parallel and Current Share Multiple Modules
n
15mm × 22mm × 8.17mm BGA Package
Readable Data:
n
Input and Output Voltages, Currents, and Temperatures
n
Running Peak Values, Uptime, Faults and Warnings
n
Onboard EEPROM Fault Log Record
Writable Data and Configurable Parameters:
n
Output Voltage, Voltage Sequencing and Margining
n
Digital Soft-Start/Stop Ramp, Program Analog Loop
n
OV/UV/OT, UVLO, Frequency and Phasing
n
Multi-Rail Processor Power, Configurable Core Power
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5408150, 5481178, 5705919, 5929620, 6144194, 6177787, 6580258,
7420359, 8163643. Licensed under U.S. Patent 7000125 and other related patents worldwide.
Quad 31.25A µModule Regulator with Digital Interface for Control and Monitoring
Channel Efficiency vs Load Current
POWER GOOD MONITORS
FAULT INTERRUPTS
ON/OFF CONTROL
4.5V TO 16V
4.5V TO 16V
CBULK
22µF
×6
22µF
×6
LOAD
1.5V AT 31.25A
CBULK
LOAD
1.2V AT 31.25A
CBULK
LOAD
1V AT 31.25A
CBULK
LOAD
0.9V AT 31.25A
CER
CER
CER
CER
4681 TA01a
PGOOD0,1,2,3
FAULT0,1,2,3
RUN0,1,2,3
RUNP
VIN_VBIAS
SVIN_23
VIN23
IN_23–
IN_23+
SVIN_01
VIN01
IN_01–
IN_01+
VOSNS3–
VOSNS3+
VOUT3
VOSNS2–
VOSNS2+
VOUT2
VOSNS1–
VOSNS1+
VOUT1
VOSNS0–
VOSNS0+
VOUT0
LTM4681
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER
BOARD MANAGEMENT CONTROLLER
SYNCHRONIZATION TIME
BASE REGISTER WRITE
PROTECTION
FOR COMPLETE CIRCUIT
SEE FIGURE 48
(FROM 4.5V TO 5.5V
CONNECT VIN, SVIN,
AND INTVCC TOGETHER)
+
+
+
+
RSENSE1
RSENSE2
OUTPUT CURRENT (A)
0
95
86
94
92
90
88
93
91
89
87
85
25
15
4681 TA01b
35
20
10
30
5
12VIN, 0.9VOUT, 250kHz
12VIN, 1.0VOUT, 250kHz
12VIN, 1.2VOUT, 350kHz
12VIN, 1.5VOUT, 425kHz
Configurable Output Array
31.25A
31.25A
31.25A
31.25A
62.5A
31.25A
31.25A
93.75A
31.25A
62.5A
62.5A
125A


Similar Part No. - LTM4700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4700 AD-LTM4700 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
6Mb / 114P
2-Channel 짹60V Power System Manager
LTM4700 AD-LTM4700 Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
1Mb / 26P
Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
More results

Similar Description - LTM4700

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
130A Step-Down 關Module Regulator with PMBus Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4664A AD-LTM4664A Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4683 AD-LTM4683 Datasheet
5Mb / 132P
Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com