Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4700
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 18Page - Analog Devices LTM4700 Datasheet HTML 19Page - Analog Devices LTM4700 Datasheet HTML 20Page - Analog Devices LTM4700 Datasheet HTML 21Page - Analog Devices LTM4700 Datasheet HTML 22Page - Analog Devices LTM4700 Datasheet HTML 23Page - Analog Devices LTM4700 Datasheet HTML 24Page - Analog Devices LTM4700 Datasheet HTML 25Page - Analog Devices LTM4700 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
LTM4681
22
Rev. 0
For more information www.analog.com
VTRIM3_CFG (AB9): Output Voltage Select Pin for VOUT3,
Fine Setting. Works in combination with VOUT3_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of channel 3, at SVIN_23 power-up. (See VOUT3_CFG and
the Applications Information section.) A resistor divider
from 2.5V to SGND connected to the pin will set the TRIM
value. See Table 2. Minimize capacitance especially when
the pin is left open to assure accurate detection of the
pin state. Note that use of RCONFIGs on VOUT3_CFG/
VTRIM3_CFG can affect the VOUT3 range setting (MFR_
PWM_MODE0[1]) and loop gain. For addressed ASEL_23,
Page 0x00 corresponds to channel 2 and Page 0x01 cor-
responds to Channel 3. See PAGE description section.
RUN0, RUN1 (B10, B11 Respectively): Enable Run Input
for Channels 0 and 1, respectively. Open-drain input and
output. Logic high on these pins enables the respective
outputs of the LTM4681. These open-drain output pins
hold the pin low until the LTM4681 is out of reset and
SVIN_01 is detected to exceed VIN_ON. A pull-up resistor
to 3.3V is required in the application. The LTM4681 pulls
RUN0 and/or RUN1 low, as appropriate, when a global
fault and/or channel-specific fault occurs whose fault
response is configured to latch off and cease regulation;
issuing a CLEAR_FAULTS command via I2C or power-
cycling SVIN_01 is necessary to restart the module, in such
cases. Do not pull RUN logic high with a low impedance
source. INTVCC is active when SVIN_01 is above UVLO.
This provides power to the VDD33 and VDD25 to allow
programming the EERROM.
RUN2, RUN3 (Y9, Y8): Enable Run Input for Channels 2
and 3, respectively. Open-drain input and output. Logic
high on these pins enables the respective outputs of the
LTM4681. These open-drain output pins hold the pin low
until the LTM4681 is out of reset and SVIN_23 is detected
to exceed VIN_ON. A pull-up resistor to 3.3V is required in
the application. The LTM4681 pulls RUN2 and/or RUN3
low, as appropriate, when a global fault and/or channel-
specific fault occurs whose fault response is configured to
latch off and cease regulation; issuing a CLEAR_FAULTS
command via I2C or power-cycling SVIN_23 is necessary
to restart the module, in such cases. Do not pull RUN
logic high with a low impedance source. INTVCC is active
when SVIN_23 is above UVLO. This provides power to the
VDD33 and VDD25 to allow programming the EEPROM.
PGOOD0, PGOOD1, PGOOD2, PGOOD3 (H9, H8, R10,
T10): Power Good Indicator Outputs. Open-drain logic
output that is pulled to ground when the output exceeds
the UV and OV regulation window. The output is de-
glitched by an internal 100µs filter. A pull-up resistor to
3.3V is required in the application.
FAULT0, FAULT1, FAULT2, FAULT3 (A11, A10, V10,
W10): Digital Programmable FAULT Inputs and Outputs.
Open-drain output. A pull-up resistor to 3.3V is required
in the application.
COMP0b, COMP1b, COMP2b, COMP3b (G10, F9, T9,
W11): Current Control Threshold and Error Amplifier
Compensation Nodes. Each associated channel’s current
comparator tripping threshold increases with its compen-
sation voltage. Each channel has a 22pF to SGND.
COMP0a, COMP1a, COMP2a, COMP3a (G11, G9, T8,
V11): Loop Compensation Nodes. The internal PWM
loop compensation resistors RCOMPn of the LTM4681
can be adjusted using bit[4:0] of the MFR_PWM_COMP
command. The transconductance of the LTM4681 PWM
error amplifier can be adjusted using bit[7:5] of the MFR_
PWM_COMP command. These two loop compensation
parameters can be programmed when device is in opera-
tion. Refer to the Programmable Loop Compensation sub-
section in the Applications Information section for further
details. See Figure 1.
SYNC_01, SYNC_23 (D11,V9): External Clock
Synchronization Input and Open-Drain Output Pin. If
an external clock is present at this pin, the switching
frequency will be synchronized to the external clock. If
clock master mode is enabled, this pin will pull low at
the switching frequency with a 500ns pulse to ground.
A resistor pull-up to 3.3V is required in the application if
the LTM4681 is the master.
SCL_01, SCL_23 (D10, W9): Serial Bus Clock Open-Drain
Input (Can Be an Input and Output, if Clock Stretching
is Enabled). A pull-up resistor to 3.3V is required in the
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com