Electronic Components Datasheet Search
  English  ▼

X  

3DAW Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3DAW
Description  3W - Dual/Single Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3DAW Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  3DAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
3DAW_S & 3DAW_D – Rev. 2020-1.5
Specifications subject to change without notice.
3DAW_S & 3DAW_D Series
3W - Dual/Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Typical application
EMC solution-recommended circuit
Requirement on output load
To ensure that the module can work efficiently and reliably, its output
min. load shall be no lower than 5% of the rated load when using, or
the output ripple may increase rapidly. Ensure that the product wor-
king load must be higher than 5% of the rated load.
Recommended Circuit
All the DC/DC converters of this series are tested according to the re-
commended circuit (see Fig. 1) before delivery.
If it is required to further reduce input and output ripple, properly in-
crease the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capa-
citance is no larger than the max. capacitive load of the product.
Vin (VDC)
Cin (uF)
Cout (uF)
5
100
10
12
100
10
24
10~47
10
48
10~47
10
Model
Vin: 5V
Vin: 12V
Vin: 24V
Vin: 48V
FUSE
Slow blown fuses according to the actual input current selections of the clients
MOV
–
S14K25
S14K35
S14K60
C0
1000μF/16V
1000μF/25V
330μF/50V
330μF/100V
C1
4.7μF/50V
4.7μF/100V
LDM1
12μH
C2
4.7μF/50V
4.7μF/100V
C3
10μF
CY1
1nF/2KV
Single Output
Dual Output
Figure 1
Note: Part 1① in the Fig. 3 is used for EMS test and part 2 ②for EMI filtering, selected based on needs.
②
If there is no recommended parameters, the model no require the external component.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com