Electronic Components Datasheet Search
  English  ▼

X  

3DAW Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3DAW
Description  3W - Dual/Single Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3DAW Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  3DAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 5
3DAW_S & 3DAW_D – Rev. 2020-1.5
Specifications subject to change without notice.
3DAW_S & 3DAW_D Series
3W - Dual/Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
2:1 wide input voltage range
Operating temperature:
-40°C ~ +85°C
Short circuit protection (SCP)
(automatic recovery)
1500VDC isolation
Efficiency up to 86%
Industry standard pinout
MTBF >1,000,000 hours
RoHS Compliance
Meet CISPR22/EN55022,
CLASS A
EN60950 Approval
DC-DC Converter
3 Watt
The 3DAW series are specially designed for applications where a wide
range input voltage power supplies are isolated from the input power
supply in a distributed power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is wide range
(voltage range ≤2:1)
2) Where isolation is necessary between input and output
(isolation voltage ≤1500VDC)
3) Where the regulation of the output voltage and the output ripple
noise are demanded
Example:
3DAW_0512D1.5
3 = 3Watt; D = DIP; A = series; W = wide input (2:1) 4,5-9Vin; 05 =
Vin; 12 = 12Vout; D = Dual Output; 1.5 =1500VDC isolation
Common specifications
Short circuit protection:
Continuous, automatic recovery
Temperature rise at full load:
25°C TYP
Cooling:
Free air convection
Operation temperature range:
-40°C~+85°C
Storage temperature range:
-55°C ~+125°C
Lead temperature range:
300°C MAX, 1.5mm from case for 10 sec
Storage humidity range:
< 95%
Case material:
Aluminium alloy
MTBF (MIL-HDBK-217F@25°C):
>1,000,000 hours
Weight:
14g
Note:
1. The load shouldn‘t be less than 10%, otherwise ripple will increase
dramatically.
2. Operation under 10% load will not damage the converter; However, they may
not meet all specifications listed.
3. All specifications measured at Ta = 25°C, humidity <75%, nominal input
voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate
standards.
5. Only typical models listed, other models may be different, please contact our
technical person for more details.
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute
and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
Input/Output,
100KHz/1V
120
pF
Output specifications
Item
Test condition
Min Typ
Max
Units
Output voltage
accuracy
5%-100% load
±1
±3
%
No-load output
voltage accuracy
Input voltage range
±1.5
±5
%
Balance of output
Voltage
Dual output, balanced
load
±0.5
±1
%
Line regulation
Full load, input volta-
ge from low to high
±0.2
±0.5
%
Load regulation
5%-100% load
±0.2
±0.5
%
Transient Recovery
time
25% load step change
0.5
2
ms
Transient Response
Deviation
25% load step change
±2
±5
%
Temperature
coefficient
Full load
±0.02
±0.03
%/°C
Ripple & Noise*
20MHz Bandwidth
50
80
mVp-p
Switching fre-
quency
(PFM mode)
100% load, nominal
input range
200
KHz
* Test ripple and noise by “parallel cable” method. See detailed operation
Input specifications
Item
Test condition
Min
Typ
Max
Units
Input current
(Full load/no load)
• 5V input
• 12V input
• 24V input
• 48V input
811/40
309/30
155/15
77/5
834/45
317/35
158/20
79/10
mA
mA
mA
mA
Reflected ripple
current
• 5V input
• 12V input
• 24V input
• 48V input
20
30
30
30
mA
mA
mA
mA
Input impulse
voltage
(1sec. max.)
• 5V input
• 12V input
• 24V input
• 48V input
-0.7
-0.7
-0.7
-0.7
12
25
50
100
VDC
VDC
VDC
VDC
Starting voltage
• 5V input
• 12V input
• 24V input
• 48V input
4.5
9
18
36
VDC
VDC
VDC
VDC
Input filter
Pi filter
Hot plug
Unavailable
UL-60950-1 (E347551)


Similar Part No. - 3DAW

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3DAW GAPTEC-3DAW Datasheet
1Mb / 4P
3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
3DAW GAPTEC-3DAW Datasheet
1Mb / 5P
3W - Single/Dual Output - Wide Input - Isolated & Regulated
3DAW-2 GAPTEC-3DAW-2 Datasheet
1Mb / 4P
3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
3DAW-3 GAPTEC-3DAW-3 Datasheet
1Mb / 5P
3W - Single/Dual Output - Wide Input - Isolated & Regulated
3DAW4 GAPTEC-3DAW4 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
More results

Similar Description - 3DAW

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3DAW-2 GAPTEC-3DAW-2 Datasheet
1Mb / 4P
3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
3DAW-3 GAPTEC-3DAW-3 Datasheet
1Mb / 5P
3W - Single/Dual Output - Wide Input - Isolated & Regulated
3DAW4 GAPTEC-3DAW4 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
3DAW4-2 GAPTEC-3DAW4-2 Datasheet
922Kb / 4P
3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
3S8W GAPTEC-3S8W Datasheet
1Mb / 6P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-1.6RP GAPTEC-3S8W-1.6RP Datasheet
946Kb / 4P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-2RP GAPTEC-3S8W-2RP Datasheet
893Kb / 3P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-3RP GAPTEC-3S8W-3RP Datasheet
1Mb / 6P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W4 GAPTEC-3S8W4 Datasheet
872Kb / 3P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3TAW GAPTEC-3TAW Datasheet
937Kb / 4P
3W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com