Electronic Components Datasheet Search
  English  ▼

X  

APL1086 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL1086
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL1086 Datasheet HTML 5Page - Anpec Electronics Coropration APL1086 Datasheet HTML 6Page - Anpec Electronics Coropration APL1086 Datasheet HTML 7Page - Anpec Electronics Coropration APL1086 Datasheet HTML 8Page - Anpec Electronics Coropration APL1086 Datasheet HTML 9Page - Anpec Electronics Coropration APL1086 Datasheet HTML 10Page - Anpec Electronics Coropration APL1086 Datasheet HTML 11Page - Anpec Electronics Coropration APL1086 Datasheet HTML 12Page - Anpec Electronics Coropration APL1086 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
9
Package Informaion
TO-252( Reference JEDEC Registration TO-252)
M illim et er s
I nc he s
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
2 .18
2 .39
0 .08 6
0 . 09 4
A1
0 . 89
1 . 27
0 . 03 5
0 .05 0
b
0 . 5 08
0. 8 9
0. 0 2 0
0 . 0 35
b2
5. 2 0 7
5 . 4 61
0. 2 0 5
0 . 2 15
C
0 .46
0 .58
0 .01 8
0 . 02 3
C 1
0 . 46
0 . 58
0 . 01 8
0 .02 3
D
5 . 3 34
6. 2 2
0. 2 1 0
0 . 2 45
D1
5. 2 R EF
0 . 2 05 R EF
E
6 .35
6 .73
0 .25 0
0 . 26 5
E 1
5. 3 R EF
0 . 2 09 R EF
e 1
3 . 96
5 . 18
0 . 15 6
0 .20 4
H
9 .39 8
1 0 .4 1
0 .37 0
0 . 41 0
L
0 .51
0 .02 0
L 1
0 . 64
1 . 02
0 . 02 5
0 .04 0
L2
0. 8 9
2. 0 3 2
0 . 0 35
0. 0 8 0
L2
D
L1
b
b2
E
C1
A
H
L
C
A1
e1
D1
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com