Electronic Components Datasheet Search
  English  ▼

X  

APL1086 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL1086
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL1086 Datasheet HTML 1Page - Anpec Electronics Coropration APL1086 Datasheet HTML 2Page - Anpec Electronics Coropration APL1086 Datasheet HTML 3Page - Anpec Electronics Coropration APL1086 Datasheet HTML 4Page - Anpec Electronics Coropration APL1086 Datasheet HTML 5Page - Anpec Electronics Coropration APL1086 Datasheet HTML 6Page - Anpec Electronics Coropration APL1086 Datasheet HTML 7Page - Anpec Electronics Coropration APL1086 Datasheet HTML 8Page - Anpec Electronics Coropration APL1086 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
5
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
00.5
11.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
100
300
500
700
900
-0.03
-0.02
-0.01
0
0.01
0.02
Typical Characteristics
-20
30
80
130
180
-0.05
0
0.05
0.1
0.15
0
1
2
3
4
5
6
Dropout Voltage vs. Output Current
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
45
67
8
9
Output Voltage vs. Input Voltage
Output Current (A)
Input Voltage (V)
Load Transient Response
Time (
µs)
Line Transient Response
Time (
µs)
C
IN=10uF
Cout=10
uF Tantalum
V
IN=5V
C
IN=10uF
Cout=10
uF Tantalum
I
OUT=0.1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com