Electronic Components Datasheet Search
  English  ▼

X  

Z8F6401 Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z8F6401
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F6401 Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z8F6401 Datasheet HTML 44Page - Zilog, Inc. Z8F6401 Datasheet HTML 45Page - Zilog, Inc. Z8F6401 Datasheet HTML 46Page - Zilog, Inc. Z8F6401 Datasheet HTML 47Page - Zilog, Inc. Z8F6401 Datasheet HTML 48Page - Zilog, Inc. Z8F6401 Datasheet HTML 49Page - Zilog, Inc. Z8F6401 Datasheet HTML 50Page - Zilog, Inc. Z8F6401 Datasheet HTML 51Page - Zilog, Inc. Z8F6401 Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 246 page
background image
PS017610-0404
Reset and Stop Mode Recovery
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
30
Stop Mode Recovery Using a GPIO Port Pin Transition
Each of the GPIO Port pins may be configured as a Stop Mode Recovery input source. On
any GPIO pin enabled as a Stop Mode Recover source, a change in the input pin value
(from High to Low or from Low to High) initiates Stop Mode Recovery. In the Watch-Dog
Timer Control register, the STOP bit is set to 1.
In Stop mode, the GPIO Port Input Data registers (PxIN) are disabled. The
Port Input Data registers record the Port transition only if the signal stays
on the Port pin through the end of the STOP Mode Recovery delay. Thus,
short pulses on the Port pin can initiate STOP Mode Recovery without be-
ing written to the Port Input Data register or without initiating an interrupt
(if enabled for that pin).
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com