Electronic Components Datasheet Search
  English  ▼

X  

Z8F6401 Datasheet(PDF) 63 Page - Zilog, Inc.

Part # Z8F6401
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F6401 Datasheet(HTML) 63 Page - Zilog, Inc.

Back Button Z8F6401 Datasheet HTML 59Page - Zilog, Inc. Z8F6401 Datasheet HTML 60Page - Zilog, Inc. Z8F6401 Datasheet HTML 61Page - Zilog, Inc. Z8F6401 Datasheet HTML 62Page - Zilog, Inc. Z8F6401 Datasheet HTML 63Page - Zilog, Inc. Z8F6401 Datasheet HTML 64Page - Zilog, Inc. Z8F6401 Datasheet HTML 65Page - Zilog, Inc. Z8F6401 Datasheet HTML 66Page - Zilog, Inc. Z8F6401 Datasheet HTML 67Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 246 page
background image
PS017610-0404
Interrupt Controller
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
45
Table 22. Interrupt Vectors in Order of Priority
Priority
Program Memory
Vector Address
Interrupt Source
Interrupt Assertion Type
Highest
0002h
Reset (not an interrupt)
Not applicable
0004h
Watch-Dog Timer
Continuous assertion
0006h
Illegal Instruction Trap (not an interrupt)
Not applicable
0008h
Timer 2
Single assertion (pulse)
000Ah
Timer 1
Single assertion (pulse)
000Ch
Timer 0
Single assertion (pulse)
000Eh
UART 0 receiver
Continuous assertion
0010h
UART 0 transmitter
Continuous assertion
0012h
I2C
Continuous assertion
0014h
SPI
Continuous assertion
0016h
ADC
Single assertion (pulse)
0018h
Port A7 or Port D7, rising or falling input edge Single assertion (pulse)
001Ah
Port A6 or Port D6, rising or falling input edge Single assertion (pulse)
001Ch
Port A5 or Port D5, rising or falling input edge Single assertion (pulse)
001Eh
Port A4 or Port D4, rising or falling input edge Single assertion (pulse)
0020h
Port A3 or Port D3, rising or falling input edge Single assertion (pulse)
0022h
Port A2 or Port D2, rising or falling input edge Single assertion (pulse)
0024h
Port A1 or Port D1, rising or falling input edge Single assertion (pulse)
0026h
Port A0 or Port D0, rising or falling input edge Single assertion (pulse)
0028h
Timer 3 (not available in 40/44-pin packages)
Single assertion (pulse)
002Ah
UART 1 receiver
Continuous assertion
002Ch
UART 1 transmitter
Continuous assertion
002Eh
DMA
Single assertion (pulse)
0030h
Port C3, both input edges
Single assertion (pulse)
0032h
Port C2, both input edges
Single assertion (pulse)
0034h
Port C1, both input edges
Single assertion (pulse)
Lowest
0036h
Port C0, both input edges
Single assertion (pulse)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com