Electronic Components Datasheet Search
  English  ▼

X  

IMXRT1024IEC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IMXRT1024IEC
Description  i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1024IEC Datasheet(HTML) 5 Page - NXP Semiconductors

  IMXRT1024IEC Datasheet HTML 1Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 2Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 3Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 4Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 5Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 6Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 7Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 8Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
i.MX RT1024 introduction
i.MX RT1024 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 11/2020
NXP Semiconductors
5
Table 1 lists the comparison between RT1020 and RT1024.
Table 1. The comparison between RT1020 and RT1024
RT1020
RT1024
Package
144 LQFP
144 LQFP
Frequency
500 MHz, Consumer grade
396 MHz, Industrial grade
500 MHz, Consumer grade
396 MHz, Industrial grade
RAM
256 KB
256 KB
Flash
NA
4 MB
CAN
2
2
Ethernet
1
1
1588 EVENT
4
2
eMMC4.5/SD3.0
2
2
USB OTG
1
1
SAI
3
3
SPDIF
1
1
Timer
2
2
PWM
2
2
KPP
8 x 8
5 x 5
UART
8
8
I2C
4
4
SPI
4
4
ADC
2
2
ACMP
4
4
GPIO
96
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com