Electronic Components Datasheet Search
  English  ▼

X  

SK37 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SK37
Description  VOLTAGE 70V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK37 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SK37 Datasheet HTML 1Page - First Silicon Co., Ltd SK37 Datasheet HTML 2Page - First Silicon Co., Ltd SK37 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SK37 THRU SK3B
VOLTAGE 70V ~ 100V
3.0AMP Surface Mount Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
3.0
100
0.5
20
50
-55
+125
-55
+150
A
A
V
mA
mA
pF
Typical Thermal Resistance RJA (Note 2)
0.79
100
NOTES
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
*
* Weight: 0.25 grams
FEATURES
* For surface mount applications
* Epitaxial construction
* Very low forward voltage drop
* For use in low voltage, high frequency inverter,
free wheeling
C
C
C/W
Operating
Storage Temperature Range T
STG
Temperature Range TJ
V
70
80
90
100
49
56
63
70
V
V
SK37
SK38
SK39
SK3B
UNITS
DO-214AB
SMC
Cathode
Anode
Polarity: Color band denotes cathode end
SEMICONDUCTOR
TECHNICAL DATA
SK37 ~ SK3B
2010. 06. 21
1/3
Revision No : 0
70
80
90
100


Similar Part No. - SK37

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK37 GOOD-ARK-SK37 Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SK37 SYNSEMI-SK37 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SK37 JINANJINGHENG-SK37 Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
SK37-G SMC-SK37-G Datasheet
239Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SK3793 NJSEMI-SK3793 Datasheet
75Kb / 1P
Bipolar Transistors
More results

Similar Description - SK37

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK34AL ETC2-SK34AL Datasheet
331Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32L ETC2-SK32L Datasheet
240Kb / 3P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK32L SECOS-SK32L Datasheet
482Kb / 3P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34AL SECOS-SK34AL Datasheet
331Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK32A LUGUANG-SK32A Datasheet
176Kb / 2P
3.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SK17 FS-SK17 Datasheet
285Kb / 3P
VOLTAGE 70V ~ 100V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK27 FS-SK27 Datasheet
271Kb / 3P
VOLTAGE 70V ~ 100V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com