Electronic Components Datasheet Search
  English  ▼

X  

SK37 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SK37
Description  VOLTAGE 70V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK37 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SK37 Datasheet HTML 1Page - First Silicon Co., Ltd SK37 Datasheet HTML 2Page - First Silicon Co., Ltd SK37 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SK37 THRU SK3B)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
R E VE R S E V OLT AG E ,(V )
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
140
160
180
200
0
200
100
0
40
20
60
100
80
.01
.1
1
10
100
.2
.3
.4
.5
.6
0.7 0.8 0.9
3.0
AMBIENT TEMPERATURE ( C)
.01
0.1
1.0
10
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE(%)
0
20
40
60
80 100 120 140
.001
Tj=100 C
T j=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
5
0
1
1
50
100
FORWARD VOLTAGE,(V)
Tj=25 C
8.3ms S ngle Half
Sine Wave
JEDEC method
2010. 06. 21
2/3
Revision No : 0
SK37 ~ SK3B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com