Electronic Components Datasheet Search
  English  ▼

X  

8DPRW4 Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 8DPRW4
Description  8W - Single/Dual Output - Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

8DPRW4 Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  8DPRW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
8DPRW4_3 – Rev. 2017-1.1
Specifications subject to change without notice.
8DPRW4_3 Series
8W - Single/Dual Output - Wide Input - Isolated & Regulated
DC-DC Converter
Typical characteristics
Temperature derating graph
Part Number
Input Voltage [VDC]
Nom
Range
Input Current [mA, Typ.]
No load
Full load
Output Voltage
[VDC]
Output Current [mA]
Full load
Capacitor load
[uF]
Full load
Efficiency
[%, Typ.]
8DPRW4_2403S3
24
13-70
30
397.59
3.3
2400
1330
83
8DPRW4_2405S3
24
13-70
20
387.60
5
1600
1330
86
8DPRW4_2412S3
24
13-70
10
391.18
12
665
330
85
8DPRW4_2415S3
24
13-70
10
388.18
15
535
220
86
8DPRW4_11003S3
110
42-176
10
88.89
3.3
2400
1330
81
8DPRW4_11005S3
110
42-176
10
86.58
5
1600
1330
84
8DPRW4_11012S3
110
42-176
5
86.36
12
665
330
84
8DPRW4_11015S3
110
42-176
5
87.90
15
535
220
83
8DPRW4_2405D3
24
13-70
10
401.61
±5
±800
±900
83
8DPRW4_2412D3
24
13-70
10
394.12
±12
±335
±220
85
8DPRW4_2415D3
24
13-70
10
385.17
±15
±265
±100
86
8DPRW4_11005D3
110
42-176
5
90.91
±5
±800
±900
80
8DPRW4_11012D3
110
42-176
5
89.14
±12
±335
±220
82
8DPRW4_11015D3
110
42-176
5
87.08
±15
±265
±100
83
EMC specifications
EMI
Conducted
Emission*
EN50121-3-2
40dBuV from 30-230MHZ
47dBuV from 230-1000MHZ
EMI
Radiated
Emission
EN50121-3-2
99dBuV from 0.15-0.5MHZ
93dBuV from 0.5-30MHZ
EMS
Electrostatic
Discharge
EN50121-3-2
Air ±8KV
perf. Criteria A
Contact ±6KV
EMS
RS
EN50121-3-2
20V/m
perf. Criteria A
EMS
EFT**
EN50121-3-2
2.0KV
perf. Criteria A
EMS
Surge**
EN50121-3-2
2.0KV
perf. Criteria A
EMS
CS
EN50121-3-2
10V
perf. Criteria A
EMS
PFMF
EN50121-3-2
10A/m
perf. Criteria A
* Input filter components are used to help meet conducted emissions 79dBuV
from 0.15-0.5MHZ and 73dBuV from 0.5-30MHZ requirement for the module
(refer to EMI filter of design & feature configuration).
** Requires an external filter capacitor if the model has to meet EFT and surge in
EN50121-3-2.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com