Electronic Components Datasheet Search
  English  ▼

X  

8DPRW4 Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 8DPRW4
Description  8W - Single/Dual Output - Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

8DPRW4 Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  8DPRW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 4
8DPRW4_3 – Rev. 2017-1.1
Specifications subject to change without notice.
8DPRW4_3 Series
8W - Single/Dual Output - Wide Input - Isolated & Regulated
DC-DC Converter
Test configurations
Design and feature configurations
Efficiency
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through a source inductor Lin (12µH)
and a source capacitor Cin (33µF, ESR<1.0Ω at 100KHz) at nominal input
and full load.
CTRL Module ON/OFF
Positive logic turns on the module during high logic and off during low logic.
Ctrl module on/off can be controlled by an external switch between the ctrl
terminal and -Vin terminal. The switch can be an open collector or open drain.
For positive logic if the ctrl feature is not used, please leave the ctrl pin
floating.
Over voltage protection
The module includes an internal output over voltage protection circuit, which
monitors the voltage on the output terminals. If this voltage exceeds the over
voltage set point, the module will activate the control loop of internal circuit
to clamp the output voltage.
Output ripple & noise measurement test
Use a 0.1µF ceramic capacitor and a 10µF electrolytic capacitor measurement. The
Scope measurement bandwidth is 0-20MHz.
EMI filter
Input filter components (C1, C2, C3) are used to help meet conducted emissions
79dBuV from 0.15-0.5MHZ and 73dBuV from 0.5-30MHZ requirement for the modu-
le. These components should be mounted as close as possible to the module; and
all leads should be minimized to decrease radiated noise.
Over current protection
The module includes an internal over current protection circuit, which will endure
current limiting for an unlimited duration during output over load condition. If the
output current exceeds the OCP set point, the module will shut down automati-
cally (hiccup).
The module will try to restart after shutdown. If the over load condition still exists,
the module will shut down again.
C1, C2, C3
8DPRW4_24xx3
None
8DPRW4_110xx3
MLCC, 1µF, 250V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com