Electronic Components Datasheet Search
  English  ▼

X  

UM1B Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # UM1B
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UM1B Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  UM1B Datasheet HTML 1Page - First Silicon Co., Ltd UM1B Datasheet HTML 2Page - First Silicon Co., Ltd UM1B Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB Package
FEATURES:
• Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• High Surge Current Capability
• Designed for Surface Mount Application
• Average Rectified Output Current- 0.8A
PINNING
PIN
1
2
DESCRIPTION
3
4
Out p ut Cathode(-)
Out p ut Anode(+)
I
np ut Pin(~)
I
np ut Pin(~ )
Ratings at 25 ambient temperature unless otherwise specified. °C
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Max
imum DC Blocking Voltage
Peak F
orward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(
JEDEC Method)
Parameter
Max
imum Repetitive Peak Reverse Voltage
Max
imum RMS voltage
Operating and Storage Temperature Range
Typical Junction Capacitance(Note1)
VRR
M
VR
M
S
VDC
IO
IFSM
UM1B
UM2B
UM4B
UM6B
UM8B
UM10B
V
V
V
0.8
2
5
13
-55 ~ +150
A
A
V
μA
pF
°
C
Maximum Ratings and Electrical characteristics
Units
C
j
T
, T
j
stg
Symbols
110
Typical Thermal Resistance(Note2)
°
C/W
RθJA
Average Rectified Output Current
a
t T = 115 °C
c
100
2
00
4
00
600
800
1000
100
2
00
4
00
600
800
1000
7
0
140
2
80
42
0
560
7
00
F
orward Voltage per element
V
F
1.0
@I
= 0.4A
F
@I =
0.8A
F
1.1
Max
imum DC Reverse Current
a
t Rated DC Blocking Voltage
IR
3
3
0
@
T =2
5 °C
a
@
T =
125 °C
a
N
ote: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. P.C.B. mounted with 4×1 5"×1.5"(3.81×3.81 cm)copper pad areas.
1
2
3
4
MECHANICAL DATA
• Case: UMB
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
4
5mg/0.0016oz
pprox. Weight:
SEMICONDUCTOR
TECHNICAL DATA
UM1B ~ UM10B
2019. 10. 16
1/3
Revision No : 0


Similar Part No. - UM1B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UM1B YFWDIODE-UM1B Datasheet
624Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM1B YFWDIODE-UM1B Datasheet
624Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM1B YFWDIODE-UM1B Datasheet
489Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UM1B-05 YFWDIODE-UM1B-05 Datasheet
416Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM1B-05 YFWDIODE-UM1B-05 Datasheet
472Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - UM1B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
DS17003 DIODES-DS17003 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 13
logo
DONGGUAN YOU FENG WEI E...
UM1B-UMB YFWDIODE-UM1B-UMB Datasheet
572Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS1-ABS-LBF YFWDIODE-ABS1-ABS-LBF Datasheet
419Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1F-MBF YFWDIODE-MB1F-MBF Datasheet
424Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_17 Datasheet
242Kb / 5P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 14
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com