Electronic Components Datasheet Search
  English  ▼

X  

UM1B Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # UM1B
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UM1B Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  UM1B Datasheet HTML 1Page - First Silicon Co., Ltd UM1B Datasheet HTML 2Page - First Silicon Co., Ltd UM1B Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
UM1B
UM2B
UM4B
UM6B
UM8B
UM10B
UM1B
UM2B
UM4B
UM6B
UM8B
UM10B
The recommended mounting pad size
mm
(mil)
Unit:
4.3
170
1.0×1.4
39×55
PACKAGE OUTLINE
Plastic surface mounted package; 4 leads
UNIT
mm
1.2
0.20
5.1
1.0
0.12
4.6
7°
max
min
mil
max
min
47
39
7.9
4.7
201
181
A
C
D
E
HE
∠
d
0.70
0.51
28
20
e
2.7
2.3
106
91
UMB mechanical data
4.0
3.6
157
142
3.8
3.4
150
134
g
0.82
0.51
20
32
V
A
M
HE
d
E
∠ALL ROUND
g
g
2019. 10. 16
3/3
Revision No : 0
UM1B ~ UM10B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com