Electronic Components Datasheet Search
  English  ▼

X  

LM2307 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2307
Description  P-Channel Super Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2307 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2307 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2307 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2307 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2307 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
▉
Electrical Characteristics 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Drain-Source Breakdown Voltage
漏極-源極擊穿電壓
(ID =-250uA,VGS=0V)
BVDSS
-30
—
—
V
Gate Threshold Voltage
栅極開启電壓
(ID =-250uA,VGS= VDS)
VGS(th)
-1
—
-3
V
Zero Gate Voltage Drain Current
零栅壓漏極電流
(VGS=0V, VDS= -30V)
IDSS
—
—
-1
u
A
Gate Body Leakage
栅極漏電流
(VGS=+16V, VDS=0V)
IGSS
—
—
+100
n
A
Static Drain-Source On-State Resistance
静态漏源導通電阻
(ID=-3.2A,VGS=-10V)
(ID=-2.5A,VGS=-4.5V)
RDS(ON)
—
58
75
70
95
mΩ
Diode Forward Voltage Drop
内附二極管正向壓降
(ISD=-1A,VGS=0V)
VSD
—
—
-1.2
V
Input Capacitance 輸入電容
(VGS=0V, VDS=-15V,f=1MHz)
CISS
—
460
—
pF
Common Source Output Capacitance
共源輸出電容(VGS=0V, VDS=-15V,f=1MHz)
COSS
—
74
—
pF
Gate Source Charge 栅源電荷密度
(VDS=-15V, ID=-1.7A, VGS=-4.5V)
Qgs
—
2.8
—
nC
Gate Drain Charge 栅漏電荷密度
(VDS=-15V, ID=-1.7A, VGS=-4.5V)
Qgd
—
2.3
—
nC
Turn-On Delay Time 開启延迟時間
(VDS=-15V, ID=-1A, RGEN=6Ω,VGS=-10V)
td(on)
—
33
—
ns
Turn-On Rise Time 開启上升時間
(VDS=-15V, ID=-1A, RGEN=6Ω,VGS=-10V)
tr
—
17
—
ns
Turn-Off Delay Time 關断延迟時間
(VDS=-15V, ID=-1A, RGEN=6Ω,VGS=-10V)
td(off)
—
39
—
ns
Turn-On Fall Time 開启下降時間
(VDS=-15V, ID=-1A, RGEN=6Ω,VGS=-10V)
tf
—
5
—
ns
LM2307
Rev :
www.leiditech.com
01.06.2017
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com