Electronic Components Datasheet Search
  English  ▼

X  

LM2307 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2307
Description  P-Channel Super Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2307 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2307 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2307 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2307 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2307 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
▉
Features 特點
Low on-resistance and maximum DC current capability 低導通電阻和最大直流電流能力
Super high density cell design 超高元胞密度設計
RDS(ON)<70mΩ@VGS=-10V
RDS(ON)<95mΩ@VGS=-4.5V
▉
Applications 应用
Power Management in Note book 筆記本電源管理
Portable Equipment 便攜式設備
Battery Powered System 電池電源系統
DC/DC Converter 直流/直流变换
Load Switch 負載開關應用
▉
Internal Schematic Diagram 内部结构
▉
Absolute Maximum Ratings 最大额定值
Characteristic 特性參數
Symbol 符號
Max 最大值 Unit 單位
Drain-Source Voltage 漏極-源極電壓
BVDSS
-30
V
Gate- Source Voltage 栅極-源極電壓
VGS
+20
V
Drain Current (continuous)漏極電流-連續
ID(at TA = 25°C)
-3
A
Drain Current (pulsed)漏極電流-脉冲
IDM
-12
A
Total Device Dissipation 總耗散功率
PTOT(at TA = 25°C
at TA = 70°C)
1.04
0.67
W
Thermal Resistance Junction-Ambient 熱阻
R
ΘJA
120
℃
/W
Junction/Storage Temperature 結溫/儲存溫度
TJ,Tstg
-55~150
℃
LM2307
P-Channel Super Enhancement Mode MOSFET
Rev :
www.leiditech.com
01.06.2017
1/4


Similar Part No. - LM2307

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM2300A LEIDITECH-LM2300A Datasheet
1Mb / 5P
N-Channel Enhancement Mode Field Effect Transistor
LM2301 LEIDITECH-LM2301 Datasheet
379Kb / 3P
P-Channel Enhancement-Mode MOS FETs
LM2301B LEIDITECH-LM2301B Datasheet
1Mb / 3P
LCE P-Channel Enhancement Mode Power MOSFET
LM2301C LEIDITECH-LM2301C Datasheet
1Mb / 5P
P-Channel Enhancement Mode Power MOSFET
LM2301D LEIDITECH-LM2301D Datasheet
1Mb / 5P
P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - LM2307

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LM40P05Y LEIDITECH-LM40P05Y Datasheet
1,000Kb / 6P
P-Channel Super Enhancement Mode MOSFET
LM2333Y LEIDITECH-LM2333Y Datasheet
994Kb / 6P
LCE P-Channel Super Enhancement Mode MOSFET
LM3407A LEIDITECH-LM3407A Datasheet
1Mb / 5P
P-Channel Super Enhancement Mode MOSFET
LMT3L3P04 LEIDITECH-LMT3L3P04 Datasheet
1,015Kb / 6P
P-Channel Super Enhancement Mode MOSFET
DMG2307LQ LEIDITECH-DMG2307LQ Datasheet
1Mb / 5P
P-Channel Super Enhancement Mode MOSFET
Rev : 01.06.2017
PMV50EPEA LEIDITECH-PMV50EPEA Datasheet
1Mb / 5P
P-Channel Super Enhancement Mode MOSFET
Rev : 01.06.2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com