Electronic Components Datasheet Search
  English  ▼

X  

LMP7712 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7712
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7712 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP7712 Datasheet HTML 1Page - National Semiconductor (TI) LMP7712 Datasheet HTML 2Page - National Semiconductor (TI) LMP7712 Datasheet HTML 3Page - National Semiconductor (TI) LMP7712 Datasheet HTML 4Page - National Semiconductor (TI) LMP7712 Datasheet HTML 5Page - National Semiconductor (TI) LMP7712 Datasheet HTML 6Page - National Semiconductor (TI) LMP7712 Datasheet HTML 7Page - National Semiconductor (TI) LMP7712 Datasheet HTML 8Page - National Semiconductor (TI) LMP7712 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMP7711/LMP7712
Single and Dual Precision, 17 MHz, Low Noise, CMOS
Input Amplifiers
General Description
The LMP7711/LMP7712 are single and dual low noise, low
offset, CMOS input, rail-to-rail output precision amplifiers
with a high gain bandwidth product and an enable pin. The
LMP7711/LMP7712 are part of the LMP™ precision amplifier
family and are ideal for a variety of instrumentation applica-
tions.
Utilizing a CMOS input stage, the LMP7711/LMP7712
achieve an input bias current of 100 fA, an input referred
voltage noise of 5.8 nV/
, and an input offset voltage of
less than ±150 µV. These features make the LMP7711/
LMP7712 superior choices for precision applications.
Consuming only 1.15 mA of supply current, the LMP7711
offers a high gain bandwidth product of 17 MHz, enabling
accurate amplification at high closed loop gains.
The LMP7711/LMP7712 have a supply voltage range of
1.8V to 5.5V, which makes these ideal choices for portable
low power applications with low supply voltage require-
ments. In order to reduce the already low power consump-
tion the LMP7711/LMP7712 have an enable function. Once
in shutdown, the LMP7711/LMP7712 draw only 140 nA of
supply current.
The LMP7711/LMP7712 are built with National’s advanced
VIP50 process technology. The LMP7711 is offered in a
6-pin TSOT23 package and the LMP7712 is offered in a
10-pin MSOP.
Features
Unless otherwise noted, typical values at V
S =5V.
n
Input offset voltage
±150 µV (max)
n
Input bias current
100 fA
n
Input voltage noise
5.8 nV/
n
Gain bandwidth product
17 MHz
n
Supply current (LMP7711)
1.15 mA
n
Supply current (LMP7712)
1.30 mA
n
Supply voltage range
1.8V to 5.5V
n
THD+N @ f = 1 kHz
0.001%
n
Operating temperature range
−40oC to 125˚C
n
Rail-to-rail output swing
n
Space saving TSOT23 package (LMP7711)
n
MSOP-10 package (LMP7712)
Applications
n
Active filters and buffers
n
Sensor interface applications
n
Transimpedance amplifiers
Typical Performance
Offset Voltage Distribution
Input Referred Voltage Noise
20150322
20150339
LMP™ is a trademark of National Semiconductor Corporation.
November 2005
© 2005 National Semiconductor Corporation
DS201503
www.national.com


Similar Part No. - LMP7712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7712 TI2-LMP7712 Datasheet
1Mb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
REVISED MAY 2013
LMP7712MM/NOPB TI1-LMP7712MM/NOPB Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712MM/NOPB TI2-LMP7712MM/NOPB Datasheet
1Mb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
REVISED MAY 2013
LMP7712MM/NOPB.A TI2-LMP7712MM/NOPB.A Datasheet
1Mb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
REVISED MAY 2013
LMP7712MME/NOPB TI1-LMP7712MME/NOPB Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results

Similar Description - LMP7712

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com