Electronic Components Datasheet Search
  English  ▼

X  

LMP7712 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7712
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7712 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMP7712 Datasheet HTML 7Page - National Semiconductor (TI) LMP7712 Datasheet HTML 8Page - National Semiconductor (TI) LMP7712 Datasheet HTML 9Page - National Semiconductor (TI) LMP7712 Datasheet HTML 10Page - National Semiconductor (TI) LMP7712 Datasheet HTML 11Page - National Semiconductor (TI) LMP7712 Datasheet HTML 12Page - National Semiconductor (TI) LMP7712 Datasheet HTML 13Page - National Semiconductor (TI) LMP7712 Datasheet HTML 14Page - National Semiconductor (TI) LMP7712 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics Unless otherwise noted: T
A = 25˚C, VS = 5V, VCM =VS/2, VEN
=V
+. (Continued)
Open Loop Frequency Response
Open Loop Frequency Response
20150341
20150373
Phase Margin vs. Capacitive Load
Phase Margin vs. Capacitive Load
20150345
20150346
Overshoot and Undershoot vs. Capacitive Load
Slew Rate vs. Supply Voltage
20150330
20150329
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com