Electronic Components Datasheet Search
  English  ▼

X  

DS48 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DS48
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DS48 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DS48 Datasheet HTML 1Page - M-System Co.,Ltd. DS48 Datasheet HTML 2Page - M-System Co.,Ltd. DS48 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: DS-48
DS-48 SPECIFICATIONS
ES-3218 Rev.8 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
CURRENT LOOP SUPPLY
(10 – 50mA loop)
Functions & Features
• Powering a 10 – 50 mA DC current loop
• Electrically isolating output signal from power input
• Shortcircuit protection with fuses
• High-density mounting
Typical Applications
• Various 2-wire transmitters
50
(1.97)
129.5
(5.10)
80
(3.15)
mm (inch)
FUSE
FUSE
MODEL: DS-48-[1][2]
ORDERING INFORMATION
• Code number: DS-48-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. DS-48-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
SUPPLY OUTPUT
48: 48 V DC (unregulated)
INPUT
Current
10 – 50 mA DC (Input resistance approx. 100 Ω)
OUTPUT
Voltage
1 – 5 V DC (Load resistance 100 kΩ min.)
[1] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input or output to power
Power fuse: 250 V, 0.5 A (size: 5.2 x 20 mm)
Loop fuse: 125 V, 0.1 A (size: 5.2 x 20 mm)
Loop monitor terminals: Output 1 – 5 V DC
Power Pilot LED: Red LED turns on in normal voltage level.
SUPPLY OUTPUT
Output voltage: 48 V DC ±10 % (with 100 % power input)
Current rating: ≤ 60mA DC
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
•DC: Operational voltage range: 24 V ±10 %, approx. 120
mA (ripple 10 %p-p max.)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)


Similar Part No. - DS48

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4802 DALLAS-DS4802 Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
DS4802S DALLAS-DS4802S Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
DS4802U DALLAS-DS4802U Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
DS4802X DALLAS-DS4802X Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
logo
National Semiconductor ...
DS481 NSC-DS481 Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
More results

Similar Description - DS48

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
PNT MSYSTEM-PNT Datasheet
93Kb / 2P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com